Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN8808 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # FN8808
Description  2-Phase Boost Controller with Integrated Drivers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN8808 Datasheet(HTML) 3 Page - Renesas Technology Corp

  FN8808 Datasheet HTML 1Page - Renesas Technology Corp FN8808 Datasheet HTML 2Page - Renesas Technology Corp FN8808 Datasheet HTML 3Page - Renesas Technology Corp FN8808 Datasheet HTML 4Page - Renesas Technology Corp FN8808 Datasheet HTML 5Page - Renesas Technology Corp FN8808 Datasheet HTML 6Page - Renesas Technology Corp FN8808 Datasheet HTML 7Page - Renesas Technology Corp FN8808 Datasheet HTML 8Page - Renesas Technology Corp FN8808 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
ISL78227
FN8808 Rev.6.02
Page 3 of 43
Feb 28, 2025
Pin Configuration
32 LD 5x5 WFQFN
TOP VIEW
VCC
SLOPE
FB
COMP
SS
IMON
TRACK
PGOOD
UG1
PH1
LG1
PVCC
PGND
LG2
PH2
UG2
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
32 31 30
29 28
27 26
25
9
10 11
12 13
14 15
16
SGND
Functional Pin Description
PIN NAME
PIN #
DESCRIPTION
VCC
1
IC bias power input pin for the internal analog circuitry. Use aminimum1µF ceramic capacitor between VCC and ground for noise
decoupling purposes. VCC is typically biased by PVCC or an external bias supply with voltage ranging from 4.75V to 5.5V.
Because PVCC provides pulsing drive current, a small resistor (10Ω or smaller) between PVCC and VCC can help filter out the
noises from PVCC to VCC.
SLOPE
2
Programs the slope of the internal slope compensation. A resistor should be connected from the SLOPE pin to GND. Refer to
“Adjustable Slope Compensation” on page 32 for information about how to select this resistor value.
FB
3
The inverting input of the error amplifier for the voltage regulation loop. A resistor network must be placed between the FB
pin and the output rail to set the boost converter’s output voltage. Refer to “Output Voltage Setting” on page 37 for more details.
Output overvoltage and undervoltage comparators also monitor this pin. Refer to “Output Overvoltage Fault Protection” and
“Output Undervoltage Indication” on page 34 for more details.
COMP
4
The output of the transconductance error amplifier (Gm1) for the output voltage regulation loop. Place the compensation
network between the COMP pin and ground. Refer to “Output Voltage Regulation Loop” on page 25 for more details.
The COMP pin voltage can also be controlled by the constant current control loop error amplifier (Gm2) output through a diode
(DCC) when the constant current control loop is used to control the input average current. Refer to “Constant Current Control
(CC)” on page 35 for more details.
SS
5
A capacitor placed from SS to ground sets up the soft-start ramp rate and in turn, determines the soft-start time. Refer to
“Soft-Start” on page 30 for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com