Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN8808 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # FN8808
Description  2-Phase Boost Controller with Integrated Drivers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN8808 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button FN8808 Datasheet HTML 11Page - Renesas Technology Corp FN8808 Datasheet HTML 12Page - Renesas Technology Corp FN8808 Datasheet HTML 13Page - Renesas Technology Corp FN8808 Datasheet HTML 14Page - Renesas Technology Corp FN8808 Datasheet HTML 15Page - Renesas Technology Corp FN8808 Datasheet HTML 16Page - Renesas Technology Corp FN8808 Datasheet HTML 17Page - Renesas Technology Corp FN8808 Datasheet HTML 18Page - Renesas Technology Corp FN8808 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
ISL78227
FN8808 Rev.6.02
Page 15 of 43
Feb 28, 2025
Input Pull-Up Current Compliance Voltage
EN >2V, pin open
2.5
V
Logic Input Low
PIN voltage falling
0.8
V
Logic Input High
PIN voltage rising
2
V
Duty Cycle Conversion (FB Accuracy)
0% duty cycle input, measure at the FB pin
0
V
25% duty cycle input, frequency = 400kHz,
measure at the FB pin
0.600
0.625
0.650
V
50% duty cycle input, frequency = 400kHz,
measure at the FB pin
1.218
1.253
1.288
V
60% duty cycle input, measure at the FB
pin
1.45
1.49
1.53
V
TRACK PIN - ANALOG INPUT
Input Leakage Current
VTRACK = 1.6V, leakage current into this
pin to ground
-1.0
-0.6
-0.3
µA
TRACK Input Reference Voltage Range
0
1.6
V
TRACK Input Reference Voltage Accuracy
Measure at the FB pin, VTRACK = 1.5V
-4.0
-0.5
4.0
%
Measure at the FB pin, VTRACK = 0.5V
-6.0
1.8
6.0
%
TRACK SS_DONE Detection Threshold
0.29
0.30
0.31
V
OVER-TEMPERATURE PROTECTION
Over-Temperature Trip Point
160
°C
Over-Temperature Recovery Threshold
145
°C
NOTES:
6. Compliance to datasheet limits are assured by one or more methods: production test, characterization, and/or design.
7. The IC is tested in conditions with minimum power dissipations in the IC, meaning TA ≈ TJ.
Electrical Specifications Refer to Figure 3 on page 7 and Typical Application Schematics (page 8). Operating conditions unless
otherwise noted: VIN = 12V, VPVCC = 5.2V and VVCC = 5.2V, TA = -40°C to +125°C (Note 7). Typical values are at TA = +25°C. Boldface limits apply across
the operating temperature range, -40°C to +125°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6) UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com