Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN8808 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # FN8808
Description  2-Phase Boost Controller with Integrated Drivers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN8808 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button FN8808 Datasheet HTML 19Page - Renesas Technology Corp FN8808 Datasheet HTML 20Page - Renesas Technology Corp FN8808 Datasheet HTML 21Page - Renesas Technology Corp FN8808 Datasheet HTML 22Page - Renesas Technology Corp FN8808 Datasheet HTML 23Page - Renesas Technology Corp FN8808 Datasheet HTML 24Page - Renesas Technology Corp FN8808 Datasheet HTML 25Page - Renesas Technology Corp FN8808 Datasheet HTML 26Page - Renesas Technology Corp FN8808 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
ISL78227
FN8808 Rev.6.02
Page 23 of 43
Feb 28, 2025
FIGURE 47. DIGITAL TRACKING REFERENCE SYSTEM ACCURACY vs
TEMPERATURE, MEASURED AT THE FB PIN, DUTY
CYCLE OF TRACK PIN SIGNAL IS 0.5
FIGURE 48. GATE DRIVE DEAD TIME vs TEMPERATURE, RDT = 10k,
tDT1 REFERS TO UG FALLING TO LG RISING, tDT2
REFERS TO LG FALLING TO UG RISING
FIGURE 49. GATE DRIVE DEAD TIME vs TEMPERATURE, RDT = 18.2k, tDT1 REFERS TO UG FALLING TO LG RISING, tDT2 REFERS TO LG FALLING TO
UG RISING
Performance Curves Unlessotherwisespecified,operating conditionsfortheoscilloscopewaveformsareV
IN = 12V,
VOUT = 36V, and TA = +25°C. (Continued)
1.245
1.247
1.249
1.251
1.253
1.255
1.257
1.259
1.261
1.263
1.265
-50
-25
0
25
50
75
100
125
150
TEMPERATURE (°C)
0
10
20
30
40
50
60
70
80
90
100
-50
-25
0
25
50
75
100
125
150
TEMPERATURE (°C)
tDT2
tDT1
50
60
70
80
90
100
110
120
130
140
150
-50
-25
0
25
50
75
100
125
150
TEMPERATURE (°C)
tDT1
tDT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com