Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN8808 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # FN8808
Description  2-Phase Boost Controller with Integrated Drivers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN8808 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button FN8808 Datasheet HTML 6Page - Renesas Technology Corp FN8808 Datasheet HTML 7Page - Renesas Technology Corp FN8808 Datasheet HTML 8Page - Renesas Technology Corp FN8808 Datasheet HTML 9Page - Renesas Technology Corp FN8808 Datasheet HTML 10Page - Renesas Technology Corp FN8808 Datasheet HTML 11Page - Renesas Technology Corp FN8808 Datasheet HTML 12Page - Renesas Technology Corp FN8808 Datasheet HTML 13Page - Renesas Technology Corp FN8808 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
ISL78227
FN8808 Rev.6.02
Page 10 of 43
Feb 28, 2025
POWER-ON RESET (For both PVCC and VCC)
Rising VVCC POR Threshold
VPORH_VCC
4.35
4.50
4.75
V
Falling VVCC POR Threshold
VPORL_VCC
4.05
4.15
4.25
V
VVCC POR Hysteresis
VPORHYS_VCC
0.4
V
Rising VPVCC POR Threshold
VPORH_PVCC
4.35
4.50
4.75
V
Falling VPVCC POR Threshold
VPORL_PVCC
3.0
3.2
3.4
V
VPVCC POR Hysteresis
VPORHYS_PVCC
1.3
V
Soft-Start Delay
tSS_DLY
From POR rising to initiation of soft-start.
RFSYNC = 61.9k, fSW = 200kHz, PLLCOMP
pin network of RPLL = 3.24k,
CPLL1 = 6.8nF, and CPLL2 = 1nF
0.85
ms
EN
Enable Threshold
VENH
EN Rising
1.13
1.21
1.33
V
VENL
EN Falling
0.85
0.95
1.10
V
VEN_HYS
Hysteresis
250
mV
Input Impedance
EN = 4V
2
6
MΩ
PWM SWITCHING FREQUENCY
PWM Switching Frequency (Per Phase)
FOSC
RFSYNC = 249kΩ (0.1%)
46.0
50.2
54.5
kHz
RFSYNC = 82.5kΩ (0.1%)
142
150
156
kHz
RFSYNC = 40.2kΩ (0.1%)
290
300
310
kHz
RFSYNC = 10kΩ (0.1%)
990
1100
1170
kHz
Minimum Adjustable Switching Frequency
50
kHz
Maximum Adjustable Switching Frequency
1100
kHz
FSYNC Pin Voltage
0.5
V
Minimum ON-Time (Blanking Time) on LGx
tMINON_1
Minimum duty cycle, CUG = CLG = OPEN
RBLANK = 80kΩ (0.1%)
315
410
525
ns
tMINON_2
Minimum duty cycle, CUG = CLG = OPEN
RBLANK = 50kΩ (0.1%)
175
260
325
ns
tMINON_3
Minimum duty cycle, CUG = CLG = OPEN
RBLANK = 25kΩ (0.1%)
100
140
180
ns
tMINON_4
Minimum duty cycle, CUG = CLG = OPEN
RBLANK = 10k
75
90
105
ns
Maximum Duty Cycle
DMAX
DMAX = T_LG_ ON/tSW, VCOMP = 3.5V,
fSW = 300kHz, RDT = 18.2kΩ, CUG = OPEN,
CLG = OPEN
88.5
89.0
90.5
%
SYNCHRONIZATION (FSYNC PIN)
Minimum Synchronization Frequency at
FSYNC Input
50
kHz
Maximum Synchronization Frequency at
FSYNC Input
1100
kHz
Input High Threshold
VIH
3.5
V
Input Low Threshold
VIL
1.5
V
Electrical Specifications Refer to Figure 3 on page 7 and Typical Application Schematics (page 8). Operating conditions unless
otherwise noted: VIN = 12V, VPVCC = 5.2V and VVCC = 5.2V, TA = -40°C to +125°C (Note 7). Typical values are at TA = +25°C. Boldface limits apply across
the operating temperature range, -40°C to +125°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6) UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com