Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4356ABCZ Datasheet(PDF) 27 Page - Analog Devices

Part # ADA4356ABCZ
Description  Programmable Transimpedance, Current to Bits Receiver μModule
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4356ABCZ Datasheet(HTML) 27 Page - Analog Devices

Back Button ADA4356ABCZ Datasheet HTML 23Page - Analog Devices ADA4356ABCZ Datasheet HTML 24Page - Analog Devices ADA4356ABCZ Datasheet HTML 25Page - Analog Devices ADA4356ABCZ Datasheet HTML 26Page - Analog Devices ADA4356ABCZ Datasheet HTML 27Page - Analog Devices ADA4356ABCZ Datasheet HTML 28Page - Analog Devices ADA4356ABCZ Datasheet HTML 29Page - Analog Devices ADA4356ABCZ Datasheet HTML 30Page - Analog Devices ADA4356ABCZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 61 page
background image
Data Sheet
ADA4356
analog.com
Rev. 0
27 of 61
Figure 43. Settling Time for Various Input Currents, TZ =
4.54kΩ, 250ns Pulse Width, LPF = 100MHz
Figure 44. Settling Time for Various Input Currents, TZ =
4.54kΩ, 20ns Pulse Width, LPF = 100MHz
Figure 45. Settling Time for Various Input Currents, TZ =
11kΩ, 2.5µs Pulse Width, LPF = 1MHz
Figure 46. Settling Time for Various Input Currents, TZ =
11kΩ, 250ns Pulse Width, LPF = 100MHz
Figure 47. Settling Time for Various Input Currents, TZ =
11kΩ, 20ns Pulse Width, LPF = 100MHz
Figure 48. Settling Time for Various Input Currents, TZ =
133kΩ, 5µs Pulse Width, LPF = 1MHz
IIN = 50µA
IIN = 100µA
IIN = 150µA
IIN = 200µA
IIN = 250µA
TIME (µs)
–1
0
1
2
3
4
5
0.1
1
10
100
1000
IIN = 50µA
IIN = 100µA
IIN = 150µA
IIN = 200µA
IIN = 250µA
TIME (µs)
–0.1
0
0.1
0.2
0.3
0.4
0.5
0.1
1
10
100
1000
IIN = 10µA
IIN = 15µA
IIN = 30µA
IIN = 60µA
IIN = 90µA
TIME (µs)
–5
0
5
10
15
20
25
30
0.01
0.1
1
10
100
1000
IIN = 10µA
IIN = 15µA
IIN = 30µA
IIN = 60µA
IIN = 90µA
TIME (µs)
–1
0
1
2
3
4
5
0.01
0.1
1
10
100
1000
IIN = 10µA
IIN = 15µA
IIN = 30µA
IIN = 60µA
IIN = 90µA
TIME (µs)
–0.1
0
0.1
0.2
0.3
0.4
0.5
0.01
0.1
1
10
100
1000
IIN = 1µA
IIN = 3µA
IIN = 5µA
IIN = 7µA
IIN = 9µA
TIME (µs)
–5
0
5
10
15
20
25
30
0.01
0.1
1
10
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com