Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4356ABCZ Datasheet(PDF) 37 Page - Analog Devices

Part # ADA4356ABCZ
Description  Programmable Transimpedance, Current to Bits Receiver μModule
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4356ABCZ Datasheet(HTML) 37 Page - Analog Devices

Back Button ADA4356ABCZ Datasheet HTML 33Page - Analog Devices ADA4356ABCZ Datasheet HTML 34Page - Analog Devices ADA4356ABCZ Datasheet HTML 35Page - Analog Devices ADA4356ABCZ Datasheet HTML 36Page - Analog Devices ADA4356ABCZ Datasheet HTML 37Page - Analog Devices ADA4356ABCZ Datasheet HTML 38Page - Analog Devices ADA4356ABCZ Datasheet HTML 39Page - Analog Devices ADA4356ABCZ Datasheet HTML 40Page - Analog Devices ADA4356ABCZ Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 61 page
background image
Data Sheet
ADA4356
analog.com
Rev. 0
37 of 61
If buffer A1 is not present, a charge continues to accumulate on C1 with each successive input current pulse, pushing
the voltage at node V1 up to the supply. On its own, the C1 discharges far too slowly for the AC ground at V1 to return
to 1.65V in time for the next pulse on IPD, which violates the underlying assumption of the current divider that
INPUT and TIAREF are always at the same DC bias.
Figure 82. Simulated Input Current Pulse IPD and Resulting Voltage Perturbation at Node V1
Figure 83. Simulated Input Current Pulses IPD and AC Ground Settling Response at V1
30mA Current Divider Example
Figure 84 shows an example circuit that can divide down a maximum DC input current of 30mA from IPD to fit within
the 300µA linear input current range of the ADA4356.
Capacitor C1 is 22.11µF, from a combination of 22µF, 100nF, and 10nF capacitors in parallel. Resistor R1 is the on-
resistance of the chosen switch S1, ADG772, which is roughly 5Ω at room temperature and with a supply voltage of
3.3V. Resistor R2 is a discrete 604Ω. The resulting current division is:
I2 =
RON
RON + R2
×
IPD=
5Ω
5Ω + 604Ω
×
IPD = 0.00821 × IPD≈
IPD
120
Thus, I2 = 30mA/120 = 250µA, which fits within the linear input range of 320µA.
The rest of the current, which is diverted into the AC ground at V1, is I1 = 30mA – I2 = 30mA – 166µA = 29.833mA.
V1
IPD
TIME (µs)
0.05
0.10
0.15
0.20
0.25
1.64996
1.64998
1.65000
1.65002
1.65004
1.65006
–10
0
10
20
30
40
V1
IPD
TIME (µs)
5
10
15
20
25
1.64996
1.64998
1.65000
1.65002
1.65004
1.65006
–10
0
10
20
30
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com