Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4356ABCZ Datasheet(PDF) 52 Page - Analog Devices

Part # ADA4356ABCZ
Description  Programmable Transimpedance, Current to Bits Receiver μModule
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4356ABCZ Datasheet(HTML) 52 Page - Analog Devices

Back Button ADA4356ABCZ Datasheet HTML 48Page - Analog Devices ADA4356ABCZ Datasheet HTML 49Page - Analog Devices ADA4356ABCZ Datasheet HTML 50Page - Analog Devices ADA4356ABCZ Datasheet HTML 51Page - Analog Devices ADA4356ABCZ Datasheet HTML 52Page - Analog Devices ADA4356ABCZ Datasheet HTML 53Page - Analog Devices ADA4356ABCZ Datasheet HTML 54Page - Analog Devices ADA4356ABCZ Datasheet HTML 55Page - Analog Devices ADA4356ABCZ Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 61 page
background image
Data Sheet
ADA4356
analog.com
Rev. 0
52 of 61
REG.
(HEX)
REGISTER
NAME
BIT 7
(MSB)
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
(LSB)
DEFAULT
VALUE
(HEX)
COMMENTS
first or LSB-
first mode.
0x01
Chip ID
(global)
8-bit chip ID, Bits[7:0], ADA4356
0x8B
Unique chip
ID used to
differentiate
devices;
read only.
DEVICE INDEX and TRANSFER REGISTERS
0x05
Device index
Open
Open
Clock
channel
DCO
Clock
channel
FCO
Open
Open
01 = data channel
enabled,
00 = data channel
disabled,
Bit 1 only used
after start-up or
power cycle, see
the ADC SPI Start-
Up Sequence
section
0x33
Bits are set
to
determine
which
channels
receive the
next write
command.
Bit 1 is only
used after
start-up or
power cycle.
0xFF
Transfer
Open
Open
Open
Open
Open
Open
Open
Initiate
override
0x00
Set
resolution/
sample rate
override.
GLOBAL ADC FUNCTION REGISTERS
0x08
ADC power
modes (global)
Open
Open
Open
Open
Open
Open
Power mode:
00 = chip run,
01 = full power-
down,
10 = standby,
11 = reset
0x00
Determines
various
generic
modes of
chip
operation.
0x09
Clock (global)
Open
Open
Open
Open
Open
Open
Open
DCS:
0 = off,
1 = on
0x00
Turns DCS
on or off.
0x0B
Clock divide
(global)
Open
Open
Open
Open
Open
Clock divide ratio[2:0]:
000 = divide by 1
001 = divide by 2
010 = divide by 3
011 = divide by 4
100 = divide by 5
101 = divide by 6
110 = divide by 7
111 = divide by 8
0x00
Not
applicable.
0x0D
Test mode
(local except
for PN
sequence
resets)
User input test
mode:
00 = single,
01 = alternate,
10 = single once,
11 = alternate
once (affects
user input test
mode only,
Bits[3:0] = 1000)
Reset PN
long gen
Reset
PN
short
gen
Output test mode, Bits[3:0] (local):
0000 = off (default),
0001 = midscale short,
0010 = positive full-scale,
0011 = negative full-scale,
0100 = alternating checkerboard,
0101 = PN23 sequence,
0110 = PN9 sequence,
0111 = one-/zero-word toggle,
1000 = user input,
1001 = 1-/0-bit toggle,
1010 = 1× sync,
1011 = one bit high,
1100 = mixed bit frequency
0x00
When set,
the test data
is placed on
the output
balls in
place of
normal
data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com