Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4356ABCZ Datasheet(PDF) 45 Page - Analog Devices

Part # ADA4356ABCZ
Description  Programmable Transimpedance, Current to Bits Receiver μModule
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4356ABCZ Datasheet(HTML) 45 Page - Analog Devices

Back Button ADA4356ABCZ Datasheet HTML 41Page - Analog Devices ADA4356ABCZ Datasheet HTML 42Page - Analog Devices ADA4356ABCZ Datasheet HTML 43Page - Analog Devices ADA4356ABCZ Datasheet HTML 44Page - Analog Devices ADA4356ABCZ Datasheet HTML 45Page - Analog Devices ADA4356ABCZ Datasheet HTML 46Page - Analog Devices ADA4356ABCZ Datasheet HTML 47Page - Analog Devices ADA4356ABCZ Datasheet HTML 48Page - Analog Devices ADA4356ABCZ Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 61 page
background image
Data Sheet
ADA4356
analog.com
Rev. 0
45 of 61
Figure 93. Data Eye for LVDS Outputs in ANSI-644 Mode with Trace Lengths of Less than 24inches (Approximate 6inch Trace
Length Result Shown) on Standard FR-4 Material, External 100Ω Far End Termination Only
Figure 94 shows a time interval error (TIE) jitter histogram with trace lengths of less than 24inches on standard FR-4
material.
Figure 94.TIE Jitter Histogram for Trace Lengths Less than 24inches (Approximate 6inch Trace Length Result Shown) on
Standard FR-4 Material
The TIE jitter histogram reflects the decrease of the data eye opening because the edge deviates from the ideal
position. It is the responsibility of the user to determine if the waveforms meet the timing budget of the design.
The format of the output data is two’s complement by default. For an example of the output coding format, see Table
14. To change the output data format to offset binary, see the Memory Map section.
Immediately after power-on, the ADA4356 output serial stream sets as double data rate (DDR), 2-lane, byte wise, MSB
first, 1× frame, and 16-bit mode. In this default setting, the ADA4356 data rate for each serial stream is equal to (16
bits × the sample clock rate)/2 lanes, with a maximum of 1 Gbps per lane ((16 bits × 125 MSPS)/2-lanes = 1Gbps per
lane).
Figure 95 shows an example of the LVDS output data eye using the ANSI-644 standard (default) with trace lengths
greater than 24inches on standard FR-4 material.
500
400
300
200
100
–500
–400
–300
–200
–100
0
–0.8
–0.4
0
0.4
0.8
EYE: ALL BITS
ULS: 7000/400354
TIME (ns)
6k
7k
1k
2k
3k
5k
4k
0
200
250
300
350
TIME (ps)
400
450
500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com