Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4356ABCZ Datasheet(PDF) 35 Page - Analog Devices

Part # ADA4356ABCZ
Description  Programmable Transimpedance, Current to Bits Receiver μModule
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4356ABCZ Datasheet(HTML) 35 Page - Analog Devices

Back Button ADA4356ABCZ Datasheet HTML 31Page - Analog Devices ADA4356ABCZ Datasheet HTML 32Page - Analog Devices ADA4356ABCZ Datasheet HTML 33Page - Analog Devices ADA4356ABCZ Datasheet HTML 34Page - Analog Devices ADA4356ABCZ Datasheet HTML 35Page - Analog Devices ADA4356ABCZ Datasheet HTML 36Page - Analog Devices ADA4356ABCZ Datasheet HTML 37Page - Analog Devices ADA4356ABCZ Datasheet HTML 38Page - Analog Devices ADA4356ABCZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 61 page
background image
Data Sheet
ADA4356
analog.com
Rev. 0
35 of 61
APPLICATIONS INFORMATION
Power and Power Control
The 12mm × 6mm CSP_BGA has multiple balls designated to support the ADA4356 power requirements, with 12 balls
assigned to VCC, and one ball each to VEA, VED, and VLD. The ADA4356 has internal 0.1µF bypass capacitors on all
supplies, so additional external supply decoupling is not required.
VCC is a 3.3V supply that powers the ADA4356’s analog core and internal LDO. Connect all VCC balls (A3, C3 to C5, D3
to D5, F3 to F6, and F8) to a clean 3.3V supply.
VLD (F12) is the internal 1.8V LDO’s output. This LDO is provided as one option to power the internal ADC’s analog
and digital supplies. To enable this LDO, pull VLDEN (F7) high.
VEA (E10) and VED (E12) are the analog and digital supply balls, respectively, for the internal ADC. These balls should
be connected to a clean 1.8V supply. To power the ADC via the internal 1.8V LDO, connect VLD to both VEA and VED,
and enable VLDEN (see Figure 3).
To use an external 1.8V supply to power the internal ADC instead of the provided LDO, disable the internal LDO by
pulling VLDEN low, and connect VEA and VED to an external 1.8V supply (see Figure 4).
The ADA4356 has 32 balls assigned as GND. There is no connection between the GND balls inside the package.
Therefore, connect all GND balls to a low-impedance GND plane on the PCB.
Transimpedance Amplifier Input
The performance of the TIA inside the ADA4356 is affected by the total capacitance CS present at the INPUT ball.
Higher CS reduces TIA bandwidth and increases noise.
CS is the sum of the input photodiode capacitance (usually the largest), the TIA’s own input capacitance (2.0pF),
stray capacitance from the board layout, and any other capacitances present at INPUT (E1).
For more details on how to reduce the board layout capacitance at the TIA input, see the PCB Design Tips section.
Extending Input Current Range
The linear current input range of the ADA4356 is limited by saturation of the TIA’s output. Given the input bias at
1.65V and supply of 3.3V, assuming current is being sunk into the photodiode, the output of the TIA can swing
approximately 1.5V above the bias voltage before reaching nonlinearity and saturating.
For the lowest gain of TZ = 4.54kΩ, the output saturates at an input current of 1.5V/4.54kΩ, or about 330µA.
Similarly, TZ = 11kΩ saturates 136µA, and TZ = 133kΩ saturates at 11.3µA.
Table 9 lists recommended maximum input currents for linear TIA operation, along with the corresponding input-
referred current noise iN with no filtering or averaging and a total input capacitance of 5pF.
Table 9. Recommended Maximum Input Current for Linear TIA Operation
GAIN RANGE (kΩ)
MAXIMUM LINEAR INPUT CURRENT (µA)
INPUT REFERRED CURRENT NOISE, Cs = 5pF,
FSEL = 0
4.54
300
68nA rms
11
100
33nA rms
133
10
8.4nA rms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com