Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4356ABCZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4356ABCZ
Description  Programmable Transimpedance, Current to Bits Receiver μModule
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4356ABCZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4356ABCZ Datasheet HTML 3Page - Analog Devices ADA4356ABCZ Datasheet HTML 4Page - Analog Devices ADA4356ABCZ Datasheet HTML 5Page - Analog Devices ADA4356ABCZ Datasheet HTML 6Page - Analog Devices ADA4356ABCZ Datasheet HTML 7Page - Analog Devices ADA4356ABCZ Datasheet HTML 8Page - Analog Devices ADA4356ABCZ Datasheet HTML 9Page - Analog Devices ADA4356ABCZ Datasheet HTML 10Page - Analog Devices ADA4356ABCZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 61 page
background image
Data Sheet
ADA4356
analog.com
Rev. 0
7 of 61
(TA = 25°C, VCC = 3.3V, LDO enabled (see the power connection scheme shown in Figure 3), FSEL = 0, and the
source capacitance (CS) = 0.5pF, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Referred Supply
Sensitivity
All gains
0.5
nA/mV
TIA Bandwidth
TIABW
TZ = 4.54kΩ
38
MHz
TZ = 11kΩ
22
MHz
TZ = 133kΩ
3.5
MHz
LPF Bandwidth
LPFBW
FSEL = 0
100
MHz
FSEL = 1
1
MHz
ADC PERFORMANCE
ADC Internal Reference
Voltage
VREF
0.98
1
1.02
V
Resolution
N
14
Bits
Sampling Rate
FS
20
125
MSPS
No Missing Code
Guaranteed
DIGITAL OUTPUTS, ANSI-644
Logic Compliance
LVDS
Differential Output Voltage
VOD
290
345
400
mV
Output Offset Voltage
VOS
1.15
1.25
1.35
V
Output Coding (Default)
Two’s
complement
TEMPERATURE
Operation Temperature
Range
−40
+85
°C
1
TZ = 4.54kΩ is 4.7kΩ ‖ 133kΩ.
2
TZ = 11kΩ is 12kΩ ‖ 133kΩ.
3
See Figure 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com