Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4356ABCZ Datasheet(PDF) 43 Page - Analog Devices

Part # ADA4356ABCZ
Description  Programmable Transimpedance, Current to Bits Receiver μModule
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4356ABCZ Datasheet(HTML) 43 Page - Analog Devices

Back Button ADA4356ABCZ Datasheet HTML 39Page - Analog Devices ADA4356ABCZ Datasheet HTML 40Page - Analog Devices ADA4356ABCZ Datasheet HTML 41Page - Analog Devices ADA4356ABCZ Datasheet HTML 42Page - Analog Devices ADA4356ABCZ Datasheet HTML 43Page - Analog Devices ADA4356ABCZ Datasheet HTML 44Page - Analog Devices ADA4356ABCZ Datasheet HTML 45Page - Analog Devices ADA4356ABCZ Datasheet HTML 46Page - Analog Devices ADA4356ABCZ Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 61 page
background image
Data Sheet
ADA4356
analog.com
Rev. 0
43 of 61
The pseudo code sequence for a digital reset is as follows:
1. For a digital reset, write Register 0x08 = 0x03.
2. For the normal operation, write Register 0x08 = 0x00.
Controls
The ADA4356 uses four balls to control various functions of the analog front end. Use the GSEL1 (A5) and GSEL0 (A4)
balls to select TZ (see Table 11), use the VLDEN (F7) ball to enable or disable the internal LDO, and use FSEL (A6) to
select the filter bandwidth for the internal LPF. These control balls must be driven, as these balls have no internal
pull-up or pull-down resistors.
Transimpedance Gain and Performance Controls
Each TZ determines its corresponding maximum linear input current and input referred rms current noise (iN), as
listed in Table 9. The GSEL0 and GSEL1 logic levels define TIA gain setting, as shown in Table 11.
Table 11.Truth Table for GSEL1 and GEL0
GSEL1 (BALL A5)
GSEL0 (BALL A4)
INTERNAL GAIN SELECTION
TRANSIMPEDANCE
0
1
4.7kΩ‖133kΩ
TZ = 4.54kΩ
1
0
12kΩ‖133kΩ
TZ = 11kΩ
0
0
133kΩ
TZ = 133kΩ
1
1
Reserved
Reserved
LDO Enable Controls
The internal 1.8V LDO is controlled via the VLDEN ball. The control signal vs. LDO output are shown in Table 12.
Table 12. LDO Control Signal Truth Table
VLDEN (BALL F7)
VLD (BALL F12)
0
No output
1
1.8V
LPF Bandwidth Selection
The ADA4356 uses an internal analog LPF to optimize settling time and noise performance. The LPF is controlled via
the FSEL ball, as shown in Table 13. Consider the input signal pulse-width when choosing the LPF bandwidth.
Table 13. LPF Truth Table
FSEL (BALL A6)
LPF BANDWIDTH (MHz)
0
100
1
1
System Data Interface and Timing
The ADA4356 supports high speed, digital serial outputs. These serial differential outputs are LVDS-compatible data
and clock lanes. These output lanes include the D0AP (A14), D0AN (A13), D1AP (B14), D1AN (B13), DCOP (D14), DCON
(D13), FCOP (C14), and FCON (C13) balls.
At power-on default, the ADA4356 differential outputs conform to the ANSI-644 LVDS standard. Each of the LVDS
output driver currents is set at a nominal 3.5mA. A 100Ω differential termination resistor placed at the LVDS receiver
inputs results in a nominal 350mV swing (or 700mV p-p differential) at the receiver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com