Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4356ABCZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4356ABCZ
Description  Programmable Transimpedance, Current to Bits Receiver μModule
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4356ABCZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4356ABCZ Datasheet HTML 6Page - Analog Devices ADA4356ABCZ Datasheet HTML 7Page - Analog Devices ADA4356ABCZ Datasheet HTML 8Page - Analog Devices ADA4356ABCZ Datasheet HTML 9Page - Analog Devices ADA4356ABCZ Datasheet HTML 10Page - Analog Devices ADA4356ABCZ Datasheet HTML 11Page - Analog Devices ADA4356ABCZ Datasheet HTML 12Page - Analog Devices ADA4356ABCZ Datasheet HTML 13Page - Analog Devices ADA4356ABCZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 61 page
background image
Data Sheet
ADA4356
analog.com
Rev. 0
10 of 61
(TA = 25°C, VCC = 3.3V, and LDO enabled (see the power scheme shown in Figure 3), unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SDIO Input Resistance
RIN,SDIO
26
kΩ
SDIO Input Capacitance
CIN,SDIO
5
pF
SPI OUTPUT (SDIO)
Logic 1 Output Voltage
VOH
High output
current (IOH) =
800µA
1.79
V
Logic 0 Output Voltage
VOL
Low output
current (IOL) =
50µA
0.05
V
OTHER CONTROL INPUTS (GSEL0, GSEL1, FSEL, AND VLDEN)
Input High Voltage
VINH
2
VCC
V
Input Low Voltage
VINL
0
0.4
V
Input Low Current
IINL
Input voltage
(VIN) = VINL
40
nA
Input High Current
IINH
Input voltage
(VIN) = VINH
40
nA
Input Capacitance
CIN,SEL
2
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com