Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4356ABCZ Datasheet(PDF) 59 Page - Analog Devices

Part # ADA4356ABCZ
Description  Programmable Transimpedance, Current to Bits Receiver μModule
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4356ABCZ Datasheet(HTML) 59 Page - Analog Devices

Back Button ADA4356ABCZ Datasheet HTML 53Page - Analog Devices ADA4356ABCZ Datasheet HTML 54Page - Analog Devices ADA4356ABCZ Datasheet HTML 55Page - Analog Devices ADA4356ABCZ Datasheet HTML 56Page - Analog Devices ADA4356ABCZ Datasheet HTML 57Page - Analog Devices ADA4356ABCZ Datasheet HTML 58Page - Analog Devices ADA4356ABCZ Datasheet HTML 59Page - Analog Devices ADA4356ABCZ Datasheet HTML 60Page - Analog Devices ADA4356ABCZ Datasheet HTML 61Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 59 / 61 page
background image
Data Sheet
ADA4356
analog.com
Rev. 0
59 of 61
PCB Design Tips
Signal Integrity Recommendations
Place the photodiode signal source as close as possible to the ADA4356 input to minimize trace length and associated
parasitic capacitance. Clear away all ground layers directly underneath the input trace to reduce parasitics even
further. Additionally, match the lengths of all LVDS lines (DCON, DCOP, FCON, FCOP, D0AN, D0AP, D1AN, and D1AP)
to eliminate potential timing issues.
Thermal Design Recommendations
The ADA4356 uses multiple VCC and GND balls to facilitate the internal power and grounding requirements. All of
these balls must be connected for proper electrical connectivity within the module. Additionally, the PCB connection
of the multiple VCC and GND balls is an integral part of the thermal design. All the ADA4356 VCC and GND balls must
be connected to a PCB copper plane with the lowest thermal resistance possible. To achieve the best thermal
performance, these planes must have as many thermal vias as practical to provide the lowest possible thermally
resistive path for heat dissipation to flow through the bottom of the PCB. Solder fill or plug these vias.
Surface-Mount Design
Table 23 is provided as an aid to PCB design to accommodate CSP_BGA style surface-mount packages. For industry-
standard design recommendations, refer to IPC-7351, Generic Requirements for Surface Mount Design and Land
Pattern Standard.
Table 23. CSP_BGA Data for Use with Surface-Mount Design
PACKAGE
BALL ATTACH TYPE
SOLDER MASK OPENING
BALL PAD SIZE
84-Ball CSP_BGA (BC-84-4)
Solder mask defined
0.35mm diameter
0.40mm diameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com