Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4356ABCZ Datasheet(PDF) 57 Page - Analog Devices

Part # ADA4356ABCZ
Description  Programmable Transimpedance, Current to Bits Receiver μModule
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4356ABCZ Datasheet(HTML) 57 Page - Analog Devices

Back Button ADA4356ABCZ Datasheet HTML 53Page - Analog Devices ADA4356ABCZ Datasheet HTML 54Page - Analog Devices ADA4356ABCZ Datasheet HTML 55Page - Analog Devices ADA4356ABCZ Datasheet HTML 56Page - Analog Devices ADA4356ABCZ Datasheet HTML 57Page - Analog Devices ADA4356ABCZ Datasheet HTML 58Page - Analog Devices ADA4356ABCZ Datasheet HTML 59Page - Analog Devices ADA4356ABCZ Datasheet HTML 60Page - Analog Devices ADA4356ABCZ Datasheet HTML 61Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 57 / 61 page
background image
Data Sheet
ADA4356
analog.com
Rev. 0
57 of 61
Table 20. Input Clock Phase Adjust Options
INPUT CLOCK PHASE ADJUST, REGISTER 0x16,
BITS[6:4]
NUMBER of INPUT CLOCK CYCLES of PHASE DELAY
000 (Default)
0
001
1
010
2
011
3
100
4
101
5
110
6
111
7
Table 21.Output Clock Phase Adjust Options
OUTPUT CLOCK (DCO), PHASE ADJUST, REGISTER
0x16, BITS[3:0]
DCO PHASE ADJUSTMENT (APPROXIMATE DEGREES
RELATIVE to the DxAP/DxAN EDGE)
0000
0
0001
60
0010
120
0011 (Default)
180
0100
240
0101
300
0110
360
0111
420
1000
480
1001
540
1010
600
1011 through 1111
600
Serial Output Data Control (Register 0x21)
The power-on default value of this register is 0x30.
The serial output data control register programs the ADA4356 in various output data modes, to accommodate
different data capture solutions. Table 22 describes the various serialization options available in the ADA4356. Note
that, in single data rate (SDR) mode, the DCO frequency is double that of the frequency in DDR mode for a given
sample rate. In SDR mode, to stay within the capability of the DCO LVDS driver, reduce the ADC sample rate to
≤62.5MSPS to keep the DCO frequency at ≤500MHz.
User Input/Output Control 2 (Register 0x101)
The power-on default value of this register is 0x00.
Bits[7:1]—Open
Bit 0—Disable SDIO Pull-Down
Bit 0 can be set to disable the internal 31kΩ pull-down resistor on the SDIO ball (B11), which limits the loading when
many devices are connected to the SPI bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com