Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4356ABCZ Datasheet(PDF) 44 Page - Analog Devices

Part # ADA4356ABCZ
Description  Programmable Transimpedance, Current to Bits Receiver μModule
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4356ABCZ Datasheet(HTML) 44 Page - Analog Devices

Back Button ADA4356ABCZ Datasheet HTML 40Page - Analog Devices ADA4356ABCZ Datasheet HTML 41Page - Analog Devices ADA4356ABCZ Datasheet HTML 42Page - Analog Devices ADA4356ABCZ Datasheet HTML 43Page - Analog Devices ADA4356ABCZ Datasheet HTML 44Page - Analog Devices ADA4356ABCZ Datasheet HTML 45Page - Analog Devices ADA4356ABCZ Datasheet HTML 46Page - Analog Devices ADA4356ABCZ Datasheet HTML 47Page - Analog Devices ADA4356ABCZ Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 61 page
background image
Data Sheet
ADA4356
analog.com
Rev. 0
44 of 61
The ADA4356 differential outputs also support a low power, reduced signal range option (similar to the IEEE 1596.3
standard) via SPI programming. When operating in reduced range mode, the LVDS output driver current reduces to
2mA. This reduction results in a 200mV swing (or 400mV p-p differential) across a 100Ω termination at the receiver.
The LVDS outputs facilitate interfacing with LVDS receivers in custom applications specific ICs (ASICs) and FPGAs for
improved switching performance in noisy environments. To reduce the environmental noise impact, the PCB trace
design recommends single point-to-point net topologies with a 100Ω termination resistor placed as close as possible
to the receiver. Timing errors may result if there is no far end receiver termination, or if there is poor differential trace
routing. To avoid such timing errors, minimize trace lengths and keep the differential output traces close together
and at equal lengths.
Figure 91 shows an example of the FCO and data stream with proper trace length and position. In Figure 91 and Figure
92, D0 is the differential signal, D0AP – D0AN, and D1 is the differential signal, D1AP – D1AN.
Figure 91. Output Timing Example in ANSI-644 Mode (Default)
Figure 92 shows the LVDS output timing example in reduced range mode.
Figure 92. LVDS Output Timing Example in Reduced Range Mode
Figure 93 shows an example of the LVDS output data eye using the ANSI-644 standard (default) with trace lengths of
less than 24inches on standard FR-4 material.
D0Ax 500mV/DIV
D1Ax 500mV/DIV
DCOx 500mV/DIV
FCOx 500mV/DIV
4ns/DIV
D0Ax 400mV/DIV
D1Ax 400mV/DIV
DCOx 400mV/DIV
FCOx 400mV/DIV
4ns/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com