Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4356ABCZ Datasheet(PDF) 18 Page - Analog Devices

Part # ADA4356ABCZ
Description  Programmable Transimpedance, Current to Bits Receiver μModule
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4356ABCZ Datasheet(HTML) 18 Page - Analog Devices

Back Button ADA4356ABCZ Datasheet HTML 14Page - Analog Devices ADA4356ABCZ Datasheet HTML 15Page - Analog Devices ADA4356ABCZ Datasheet HTML 16Page - Analog Devices ADA4356ABCZ Datasheet HTML 17Page - Analog Devices ADA4356ABCZ Datasheet HTML 18Page - Analog Devices ADA4356ABCZ Datasheet HTML 19Page - Analog Devices ADA4356ABCZ Datasheet HTML 20Page - Analog Devices ADA4356ABCZ Datasheet HTML 21Page - Analog Devices ADA4356ABCZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 61 page
background image
Data Sheet
ADA4356
analog.com
Rev. 0
18 of 61
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise specified.
Table 6. Absolute Maximum Ratings
PARAMETER
RATING
VCC to GND
−0.3V to +4.0V
VEA, VED to GND
−0.3V to +2.0V
VLD to GND
−0.3V to VCC
CLKP, CLKN, SPI1 to GND
−0.3V to +2.0V
INPUT to GND
−0.2V to VCC + 0.2V
Analog Input Current
40mA
Control2 to GND
−0.3V to VCC + 0.3V or 1mA, whichever occurs first
Digital Output3 to GND
−0.3V to +2.0V
Environmental Temperature
Storage Range (Ambient)
−65°C to +125°C
Maximum Junction
+125°C
Assemble (Soldering, 10sec)
300°C
Electrostatic Discharge (ESD)
Human Body Model, INPUT (Ball
E1) and TIAREF (Ball F1) Balls
500V
Human Body Model, All Other
Balls
3000V
Field Induced Charge Device
Model (FICDM)
1250V
1
Includes SCLK, SDIO, and CS
̅̅̅̅.
2
Includes FSEL, GSEL1, GSEL0, and VLDEN.
3
Includes D0AP, D0AN, D1AP, D1AN, DCOP, DCON, FCOP, and FCON.
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These
are stress ratings only, functional operation of the product at these or any other conditions above those indicated
in the operational section of this specification is not implied. Operation beyond the maximum operating conditions
for extended periods may affect product reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com