Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4356ABCZ Datasheet(PDF) 54 Page - Analog Devices

Part # ADA4356ABCZ
Description  Programmable Transimpedance, Current to Bits Receiver μModule
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4356ABCZ Datasheet(HTML) 54 Page - Analog Devices

Back Button ADA4356ABCZ Datasheet HTML 50Page - Analog Devices ADA4356ABCZ Datasheet HTML 51Page - Analog Devices ADA4356ABCZ Datasheet HTML 52Page - Analog Devices ADA4356ABCZ Datasheet HTML 53Page - Analog Devices ADA4356ABCZ Datasheet HTML 54Page - Analog Devices ADA4356ABCZ Datasheet HTML 55Page - Analog Devices ADA4356ABCZ Datasheet HTML 56Page - Analog Devices ADA4356ABCZ Datasheet HTML 57Page - Analog Devices ADA4356ABCZ Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 61 page
background image
Data Sheet
ADA4356
analog.com
Rev. 0
54 of 61
REG.
(HEX)
REGISTER
NAME
BIT 7
(MSB)
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
(LSB)
DEFAULT
VALUE
(HEX)
COMMENTS
pattern
2MSB.
0x21
Serial output
data control
(global)
LVDS
outpu
t: 0 =
MSB
first
(defau
lt),
1 =
LSB
first
SDR/DDR 1-lane/2-lane, bit
wise/byte wise, Bits[6:4]:
000 = SDR 2-lane, bit wise,
001 = SDR 2-lane, byte wise,
010 = DDR 2-lane, bit wise,
011 = DDR 2-lane, byte wise
(default),
100 = DDR 1-lane, word wise
Encode
mode:
0 = normal
encode
rate mode
(default),
1 = low
encode
mode for
sample
rate of
<20MSPS
0 = 1×
frame
(defaul
t),
1 = 2×
frame
Serial output
number of bits:
00 = 16 bits
(default),
10 = 12 bits
0x30
Serial
stream
control.
Sample rate
of <20MSPS
requires
that
Bits[6:4] =
100 (DDR 1-
lane) and Bit
3 = 1 (low
encode
mode).
0x22
Serial channel
status (local)
Open
Open
Open
Open
Open
Open
Chann
el
output
reset
Channel
power-
down
0x00
Used to
power down
individual
sections of a
converter.
0x100
Resolution/sa
mple rate
override
Open
Resolu
tion/sa
mple
rate
overri
de
enable
Resolution:
01 = 14 bits
10 = 12 bits
Open
Sample rate:
000 = 20MSPS,
001 = 40MSPS,
010 = 50MSPS,
011 = 65MSPS,
100 = 80MSPS,
101 = 105MSPS,
110 = 125MSPS
0x00
Resolution/s
ample rate
override
(requires
writing to
the transfer
register,
0xFF).
0x101
User
input/output
control
Open
Open
Open
Open
Open
Open
Open
SDIO
pull-do
wn
0x00
Disables
SDIO pull-
down.
Memory Map Register Descriptions
For more details on registers not described herein, and for general details on the functions controlled in Register
0x00 to Register 0xFF, refer to the Application Note AN-877: Interfacing to High Speed ADCs via SPI.
Chip ID (Register 0x01)
The power-on default value of this register is 0x8B.
Register 0x01 is a read-only register that is used for chip identification and for SPI authentication.
Device Index (Register 0x05)
The power-on default value of this register is 0x33.
Bits[7:6]—Open
Bit 5—Clock Channel DCO
Bit 5 is used to select the output DCO clock channel.
Bit 4—Clock Channel FCO
Bit 4 is used to select the output FCO clock channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com