Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4356ABCZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADA4356ABCZ
Description  Programmable Transimpedance, Current to Bits Receiver μModule
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4356ABCZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADA4356ABCZ Datasheet HTML 10Page - Analog Devices ADA4356ABCZ Datasheet HTML 11Page - Analog Devices ADA4356ABCZ Datasheet HTML 12Page - Analog Devices ADA4356ABCZ Datasheet HTML 13Page - Analog Devices ADA4356ABCZ Datasheet HTML 14Page - Analog Devices ADA4356ABCZ Datasheet HTML 15Page - Analog Devices ADA4356ABCZ Datasheet HTML 16Page - Analog Devices ADA4356ABCZ Datasheet HTML 17Page - Analog Devices ADA4356ABCZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 61 page
background image
Data Sheet
ADA4356
analog.com
Rev. 0
14 of 61
ADC LVDS Output Timing Diagrams
Figure 6. 16-Bit DDR/Single Data Rate (SDR), 2-Lane, 1× Frame Mode (Default)
BYTEWISE
MODE
INPUT
CLKN
BITWISE
MODE
SDR
DDR
MSB
D12
D11
D10
D09
D08
D07
D06
MSB
D12
D11
D10
D09
D08
D07
D06
LSB
0
0
D05
D04
D03
D02
D01
D05
D04
D03
D02
D01
LSB
0
0
MSB
D11
D09
D07
D05
D03
D01
0
MSB
N – 16
D11
D09
D07
D05
D03
D01
0
D12
N – 17
D10
N – 17
D08
N – 17
D06
N – 17
D04
N – 17
D02
N – 17
LSB
N – 17
0
N – 17
N – 17 N – 17
N – 17 N – 17 N – 17
N – 17 N – 17 N – 17
N – 17 N – 17
N – 17 N – 17 N – 17
N – 17 N – 17 N – 17
N – 17 N – 17
N – 17 N – 17 N – 17 N – 17 N – 17 N – 17
D12
D10
D08
D06
D04
D02
LSB
0
tA
tDATA
tLD
tEH
tFCO
tFRAME
tPD
tCPD
tEL
N – 1
N
N + 1
CLKP
DCON
DCOP
DCON
DCOP
FCON
FCOP
D0AN
D0AP
D1AN
D1AP
FCON
FCOP
D0AN
D0AP
D1AN
D1AP
N – 16 N – 16 N – 16 N – 16 N – 16 N – 16 N – 16
N – 16 N – 16 N – 16 N – 16 N – 16 N – 16 N – 16 N – 16
N – 16 N – 16 N – 16 N – 16 N – 16 N – 16 N – 16 N – 16
N – 16 N – 16 N – 16 N – 16 N – 16 N – 16 N – 16 N – 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com