Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4356ABCZ Datasheet(PDF) 30 Page - Analog Devices

Part # ADA4356ABCZ
Description  Programmable Transimpedance, Current to Bits Receiver μModule
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4356ABCZ Datasheet(HTML) 30 Page - Analog Devices

Back Button ADA4356ABCZ Datasheet HTML 26Page - Analog Devices ADA4356ABCZ Datasheet HTML 27Page - Analog Devices ADA4356ABCZ Datasheet HTML 28Page - Analog Devices ADA4356ABCZ Datasheet HTML 29Page - Analog Devices ADA4356ABCZ Datasheet HTML 30Page - Analog Devices ADA4356ABCZ Datasheet HTML 31Page - Analog Devices ADA4356ABCZ Datasheet HTML 32Page - Analog Devices ADA4356ABCZ Datasheet HTML 33Page - Analog Devices ADA4356ABCZ Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 61 page
background image
Data Sheet
ADA4356
analog.com
Rev. 0
30 of 61
Figure 61. TIA Gain Distribution, TZ = 133kΩ
Figure 62. TIA Gain Drift Distribution, TZ = 133kΩ
Figure 63. System Offset Distribution, TZ = 4.54kΩ
Figure 64. System Offset Drift Distribution, TZ = 4.54kΩ
Figure 65. System Offset Distribution, TZ = 11kΩ
Figure 66. System Offset Drift Distribution, TZ = 11kΩ
N = 214 UNITS
µ = 133.817kΩ
σ = 0.384kΩ
GAIN (kΩ)
132.6
133.0
133.4
133.8
134.2
134.6
135.0
135.4
0
5
10
15
20
25
30
N = 214 UNITS
µ = 32.40ppm/°C
σ = 6.25ppm/°C
GAIN DRIFT (ppm/°C)
–4 0
4
8 12 16 20 24 28 32 36 40 44 48 52 56 60
0
5
10
15
20
25
30
N = 214 UNITS
µ = 821.38mV
σ = 8.02mV
SYSTEM OFFSET (mV)
780
790
800
810
820
830
840
850
0
5
10
15
20
25
30
N = 214 UNITS
µ = –9.97µV/°C
σ = 26.77µV/°C
SYSTEM OFFSET DRIFT (µV/°C)
–120
–90
–60
–30
0
30
60
90
0
5
10
15
20
25
30
N = 214 UNITS
µ = 821.24mV
σ = 8.00mV
SYSTEM OFFSET (mV)
780
790
800
810
820
830
840
850
0
5
10
15
20
25
30
N = 214 UNITS
µ = –12.65µV/°C
σ = 26.99µV/°C
SYSTEM OFFSET DRIFT (µV/°C)
–120
–90
–60
–30
0
30
60
90
0
5
10
15
20
25
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com