Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4356ABCZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4356ABCZ
Description  Programmable Transimpedance, Current to Bits Receiver μModule
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4356ABCZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4356ABCZ Datasheet HTML 4Page - Analog Devices ADA4356ABCZ Datasheet HTML 5Page - Analog Devices ADA4356ABCZ Datasheet HTML 6Page - Analog Devices ADA4356ABCZ Datasheet HTML 7Page - Analog Devices ADA4356ABCZ Datasheet HTML 8Page - Analog Devices ADA4356ABCZ Datasheet HTML 9Page - Analog Devices ADA4356ABCZ Datasheet HTML 10Page - Analog Devices ADA4356ABCZ Datasheet HTML 11Page - Analog Devices ADA4356ABCZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 61 page
background image
Data Sheet
ADA4356
analog.com
Rev. 0
8 of 61
Table 2. Power Specifications
(TA = 25°C and VCC = 3.3V, unless otherwise noted. VEA and VED are the internal ADC 1.8 V supply rails (See Figure
3), and VLD is the 1.8 V integrated LDO output.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLIES
VCC Range
VCC
3.1
3.3
3.6
V
VCC Current
IVCC
LDO enabled1
165
mA
LDO disabled2
72
mA
ADC Digital Circuit Supply
VED
LDO disabled2
1.8 ± 5%
V
VED Current
IVED
47
mA
ADC Analog Circuit
Supply
VEA
LDO disabled2
1.8 ± 5%
V
VEA Current
IVEA
47
mA
On-Chip LDO Output
VLD
LDO enabled1
1.8
V
Quiescent Power
PQ
LDO enabled1
546
mW
LDO disabled2
406
mW
ADC power-down
mode
238
mW
ADC standby mode
322
mW
1
See Figure 3.
2
See Figure 4.
Figure 3. On-Chip LDO Enabled
VLD
VLDEN
VCC
3.3V
IVCC
VEA
VED
ADA4356
LDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com