Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4356ABCZ Datasheet(PDF) 2 Page - Analog Devices

Part # ADA4356ABCZ
Description  Programmable Transimpedance, Current to Bits Receiver μModule
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4356ABCZ Datasheet(HTML) 2 Page - Analog Devices

  ADA4356ABCZ Datasheet HTML 1Page - Analog Devices ADA4356ABCZ Datasheet HTML 2Page - Analog Devices ADA4356ABCZ Datasheet HTML 3Page - Analog Devices ADA4356ABCZ Datasheet HTML 4Page - Analog Devices ADA4356ABCZ Datasheet HTML 5Page - Analog Devices ADA4356ABCZ Datasheet HTML 6Page - Analog Devices ADA4356ABCZ Datasheet HTML 7Page - Analog Devices ADA4356ABCZ Datasheet HTML 8Page - Analog Devices ADA4356ABCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 61 page
background image
Data Sheet
ADA4356
analog.com
Rev. 0
2 of 61
SIMPLIFIED APPLICATION DIAGRAM
Figure 2. Simplified Application Block Diagram
1MHz
100MHz
LOW PASS
14-BIT
125Msps
ADC
LVDS LINES
FDA
0.825V
SPI LINES
DIGITAL
OSCILLATOR
3.3V
VCC
VLDEN VLD
VEA
1.8V FROM ADA4356
VED
CLKP
CLKN
FSEL
GSEL1
INPUT
*5kΩ IS THE ON-RESISTANCE OF SW3
TIAREF
GSEL0
GND
TIA
133kΩ
2kΩ
ADA4356
LDO
FPGA
MASTER
12kΩ
SW1
604Ω
SW2
4.7kΩ
1.65V
1.8V
REF
5kΩ*
SW3
CURRENT DIVIDER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com