Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4356ABCZ Datasheet(PDF) 38 Page - Analog Devices

Part # ADA4356ABCZ
Description  Programmable Transimpedance, Current to Bits Receiver μModule
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4356ABCZ Datasheet(HTML) 38 Page - Analog Devices

Back Button ADA4356ABCZ Datasheet HTML 34Page - Analog Devices ADA4356ABCZ Datasheet HTML 35Page - Analog Devices ADA4356ABCZ Datasheet HTML 36Page - Analog Devices ADA4356ABCZ Datasheet HTML 37Page - Analog Devices ADA4356ABCZ Datasheet HTML 38Page - Analog Devices ADA4356ABCZ Datasheet HTML 39Page - Analog Devices ADA4356ABCZ Datasheet HTML 40Page - Analog Devices ADA4356ABCZ Datasheet HTML 41Page - Analog Devices ADA4356ABCZ Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 61 page
background image
Data Sheet
ADA4356
analog.com
Rev. 0
38 of 61
Figure 84. Example Implementation of External High-Speed Current Divider Circuit
The following subsections explain factors to consider when selecting current divider components.
TIAREF Buffering Requirement
Ball TIAREF (F1) is connected to the ADA4356’s internal 1.65V reference via a series 2kΩ resistor for protection. Any
current drawn from TIAREF causes an error in the DC bias voltage, due to an IR drop across the 2kΩ resistor. Instead
of drawing current directly from TIAREF, it is recommended to buffer TIAREF’s output with a voltage buffer A1. This
buffer can rapidly charge C1 with high currents without introducing errors in the DC bias voltage.
Buffer Selection
Buffer A1 must have high gain bandwidth, fast slew rate, low output impedance over the input signal frequency
range, and good stability while driving large capacitors in the range of 10’s of µFs. The LTC6268/LTC6269 is an
excellent choice for this buffer.
Resistor Selection
The value of resistor R2 must not be too high, since current I2 flowing through R2 causes an IR drop that modulates
the bias voltage of the photodiode. With a maximum I2 of 300µA, selecting values of R2 below 1kΩ keep this bias
error below 300mV.
Capacitor Selection
It is recommended to place multiple smaller capacitors in parallel to create C1, to cover a wider frequency range
while handling relatively high currents.
A real capacitor’s bandwidth is limited to its self-resonant frequency. All real capacitors have unavoidable parasitic
package inductance. When combined with the normal capacitor value, this results in an LC tank. Above the self-
resonant frequency of the LC tank, the nominal capacitor acts as an inductor.
Larger capacitor packages can handle higher currents, but have higher parasitic inductance, which lowers the self-
resonant frequency of the LC tank and thus the effective frequency of the capacitor.
The self-resonant LC tank may cause instability problems at the output of buffer A1. To reduce the risk of
oscillations, it is recommended to place a small series resistor (0.1Ω) between the capacitor and ground to reduce
the quality factor (Q) of the self-resonant tank.
Recommended values for a combination C1 are 22µF, 100nF, and 10nF in parallel.
Switch Selection
Selecting a switch S1 requires considering how switch nonidealities affect the current divider circuit.
INPUT
TIAREF
TIA
OUTPUT
4.7kΩ
604Ω
6.7Ω
2kΩ
1.65V
REF
S1
PD
R1
I1
I2
IPD
R2
LTC6268
ADG772
A1
C3
10nF
C2
100nF
C1
22µF
V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com