Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4356ABCZ Datasheet(PDF) 19 Page - Analog Devices

Part # ADA4356ABCZ
Description  Programmable Transimpedance, Current to Bits Receiver μModule
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4356ABCZ Datasheet(HTML) 19 Page - Analog Devices

Back Button ADA4356ABCZ Datasheet HTML 15Page - Analog Devices ADA4356ABCZ Datasheet HTML 16Page - Analog Devices ADA4356ABCZ Datasheet HTML 17Page - Analog Devices ADA4356ABCZ Datasheet HTML 18Page - Analog Devices ADA4356ABCZ Datasheet HTML 19Page - Analog Devices ADA4356ABCZ Datasheet HTML 20Page - Analog Devices ADA4356ABCZ Datasheet HTML 21Page - Analog Devices ADA4356ABCZ Datasheet HTML 22Page - Analog Devices ADA4356ABCZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 61 page
background image
Data Sheet
ADA4356
analog.com
Rev. 0
19 of 61
Thermal Resistance
Thermal performance is directly linked to PCB design and operating environment. Close attention to PCB thermal
design is required.
Thermal resistance values specified in Table 7 are calculated based on standard JEDEC specifications.
Table 7. Thermal Resistance
PACKAGE TYPE
ӨJA
ӨJC_TOP
ψJT
UNIT
BC-84-4
52.6
22.0
17.7
°C/W
Only use θJA and θJC_TOP to compare thermal performance of the package of the device with other semiconductor
packages when all test conditions listed are similar. One common mistake is to use θJA and θJC to estimate the
junction temperature in the system environment. Instead, using ΨJT is a more appropriate way to estimate the
worst-case junction temperature of the device in the system environment. First, take an accurate thermal
measurement of the top center of the device (on the mold compound in this case) while the device operates in the
system environment. This measurement is known in the following equation as TTOP. Then, use this equation to solve
for the worst-case TJ in that given environment as follows:
TJ = ΨJT × P + TTOP
where:
ΨJT is the junction-to-top thermal characterization number as specified in the data sheet.
P refers to the total power dissipation in the chip (W).
TTOP refers to the package top temperature (°C) and is measured at the top center of the package in that given
environment.
ESD Caution
ESD (electrostatic discharge) sensitive device. Charged devices and circuit boards can
discharge without detection. Although this product features patented or proprietary
protection circuitry, damage may occur on devices subjected to high energy ESD. Therefore,
proper ESD precautions should be taken to avoid performance degradation or loss of
functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com