Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4356ABCZ Datasheet(PDF) 53 Page - Analog Devices

Part # ADA4356ABCZ
Description  Programmable Transimpedance, Current to Bits Receiver μModule
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4356ABCZ Datasheet(HTML) 53 Page - Analog Devices

Back Button ADA4356ABCZ Datasheet HTML 49Page - Analog Devices ADA4356ABCZ Datasheet HTML 50Page - Analog Devices ADA4356ABCZ Datasheet HTML 51Page - Analog Devices ADA4356ABCZ Datasheet HTML 52Page - Analog Devices ADA4356ABCZ Datasheet HTML 53Page - Analog Devices ADA4356ABCZ Datasheet HTML 54Page - Analog Devices ADA4356ABCZ Datasheet HTML 55Page - Analog Devices ADA4356ABCZ Datasheet HTML 56Page - Analog Devices ADA4356ABCZ Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 61 page
background image
Data Sheet
ADA4356
analog.com
Rev. 0
53 of 61
REG.
(HEX)
REGISTER
NAME
BIT 7
(MSB)
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
(LSB)
DEFAULT
VALUE
(HEX)
COMMENTS
0x14
Output mode
Open
LVDS-
ANSI/
LVDS-
IEEE
option
:
0 =
LVDS-
ANSI,
1 =
LVDS-
IEEE
reduce
d
range
link
(global
),
see
Table
19
Open
Open
Open
Output
invert
(local)
Open
Output
format:
0 =
offset
binary,
1 =
two’s
comple
ment
(global)
0x01
Configures
the outputs
and format
of the data.
0x15
Output adjust
Open
Open
Output driver
termination,
Bits[1:0]:
00 = none,
01 = 200Ω,
10 = 100Ω,
11 = 100Ω
Open
Open
Open
Output
drive:
0 = 1×
drive,
1 = 2×
drive
0x00
Determines
LVDS or
other
output
properties.
0x16
Output phase
Open
Input clock phase adjust,
Bits[6:4]
(value is the number of input
clock cycles of phase delay), see
Table 20
Output clock phase adjust, Bits[3:0]
(0000 through 1011), see Table 21
0x03
On devices
using global
clock divide,
Register
0x16
determines
which phase
of the
divider
output is
used to
supply the
output
clock.
Internal
latching is
unaffected.
0x19
USER_PATT1_
LSB (global)
B7
B6
B5
B4
B3
B2
B1
B0
0x00
User-
defined
pattern
1LSB.
0x1A
USER_PATT1_
MSB (global)
B15
B14
B13
B12
B11
B10
B9
B8
0x00
User-
defined
pattern
1MSB.
0x1B
USER_PATT2_
LSB (global)
B7
B6
B5
B4
B3
B2
B1
B0
0x00
User-
defined
pattern
2LSB.
0x1C
USER_PATT2_
MSB (global)
B15
B14
B13
B12
B11
B10
B9
B8
0x00
User-
defined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com