Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4356ABCZ Datasheet(PDF) 22 Page - Analog Devices

Part # ADA4356ABCZ
Description  Programmable Transimpedance, Current to Bits Receiver μModule
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4356ABCZ Datasheet(HTML) 22 Page - Analog Devices

Back Button ADA4356ABCZ Datasheet HTML 18Page - Analog Devices ADA4356ABCZ Datasheet HTML 19Page - Analog Devices ADA4356ABCZ Datasheet HTML 20Page - Analog Devices ADA4356ABCZ Datasheet HTML 21Page - Analog Devices ADA4356ABCZ Datasheet HTML 22Page - Analog Devices ADA4356ABCZ Datasheet HTML 23Page - Analog Devices ADA4356ABCZ Datasheet HTML 24Page - Analog Devices ADA4356ABCZ Datasheet HTML 25Page - Analog Devices ADA4356ABCZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 61 page
background image
Data Sheet
ADA4356
analog.com
Rev. 0
22 of 61
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VCC = 3.3V, no averaging, and LDO enabled (see the power scheme shown in Figure 3), unless otherwise
noted.
Figure 13. Noise Spectral Density, TZ = 4.54kΩ, LPF =
100MHz
Figure 14. RMS Noise vs. Noise Bandwidth, TZ = 4.54kΩ, LPF
= 100MHz
Figure 15. Noise Spectral Density for Various Source
Capacitances, TZ = 4.54kΩ, LPF = 100MHz
Figure 16.RMS Noise vs. Noise Bandwidth for Various Source
Capacitances, TZ = 4.54kΩ, LPF = 100MHz
Figure 17. Noise Spectral Density for Various Temperatures,
TZ = 4.54kΩ, LPF = 100MHz
Figure 18. RMS Noise vs. Noise Bandwidth for Various
Temperatures, TZ = 4.54kΩ, LPF = 100MHz
NO AVERAGES
16k AVERAGES
65k AVERAGES
FREQUENCY (Hz)
10k
100k
1M
10M
100M
0.00001
0.0001
0.001
0.01
0.1
NO AVERAGES
16k AVERAGES
65k AVERAGES
NOISE BANDWIDTH (Hz)
10k
100k
1M
10M
100M
0.0001
0.001
0.01
0.1
1
10
100
1000
SOURCE CAPACITANCE = 0.5pF
SOURCE CAPACITANCE = 2pF
SOURCE CAPACITANCE = 5pF
SOURCE CAPACITANCE = 10pF
FREQUENCY (Hz)
10k
100k
1M
10M
100M
0.001
0.01
0.1
SOURCE CAPACITANCE = 0.5pF
SOURCE CAPACITANCE = 2pF
SOURCE CAPACITANCE = 5pF
SOURCE CAPACITANCE = 10pF
NOISE BANDWIDTH (Hz)
10k
100k
1M
10M
100M
0.1
1
10
100
1000
TA = +85°C
TA = +25°C
TA = –40°C
FREQUENCY (Hz)
10k
100k
1M
10M
100M
0.001
0.01
0.1
TA = +85°C
TA = +25°C
TA = –40°C
NOISE BANDWIDTH (Hz)
10k
100k
1M
10M
100M
0.1
1
10
100
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com