Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4356ABCZ Datasheet(PDF) 55 Page - Analog Devices

Part # ADA4356ABCZ
Description  Programmable Transimpedance, Current to Bits Receiver μModule
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4356ABCZ Datasheet(HTML) 55 Page - Analog Devices

Back Button ADA4356ABCZ Datasheet HTML 51Page - Analog Devices ADA4356ABCZ Datasheet HTML 52Page - Analog Devices ADA4356ABCZ Datasheet HTML 53Page - Analog Devices ADA4356ABCZ Datasheet HTML 54Page - Analog Devices ADA4356ABCZ Datasheet HTML 55Page - Analog Devices ADA4356ABCZ Datasheet HTML 56Page - Analog Devices ADA4356ABCZ Datasheet HTML 57Page - Analog Devices ADA4356ABCZ Datasheet HTML 58Page - Analog Devices ADA4356ABCZ Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 61 page
background image
Data Sheet
ADA4356
analog.com
Rev. 0
55 of 61
Bits[3:2]—Open
Bits[1:0]—Data Channel
Setting Bit 1 enables the data channel to receive SPI write commands. To ensure Bit 0 is configured correctly, perform
the SPI write commands, as shown in the ADC SPI Start-Up Sequence section immediately after start-up or reset.
ADC Power Modes (Register 0x08)
The power-on default value of this register is 0x00.
Bits[7:2]—Open
Bits[1:0]—Power Mode
In normal operation (Bits[1:0] = 00), ADC is active.
In power-down mode (Bits[1:0] = 01), the digital datapath clocks are disabled, while the digital datapath is reset.
Outputs are disabled.
In standby mode (Bits[1:0] = 10), the digital datapath clocks, and the outputs are disabled.
During a digital reset (Bits[1:0] = 11), all digital clocks and outputs (where applicable) on the chip are reset, except
the SPI port. The SPI port is always left under control of the user, that is, the port is never automatically disabled or
in reset, except by power-on reset.
Clock (Register 0x09)
The power-on default value of this register is 0x00.
Bits[7:1]—Open
Bit 0—DCS
This bit turns the DCS on and off.
Clock Divide (Register 0x0B)
The power-on default value of this register is 0x00.
Bits[7:3]—Open
Bits[2:0]—Clock Divide Ratio
Bits [2:0] are used to set the clock divide ratio.
Output Mode (Register 0x14)
The power-on default value of this register is 0x01.
Bit 7—Open
Bit 6—LVDS-ANSI/LVDS-IEEE Option
Setting this bit selects the LVDS-IEEE (reduced range) option. The default setting for this bit is LVDS-ANSI. When LVDS-
ANSI or the LVDS-IEEE reduced range link is selected, the driver current is automatically selected to give the proper
output swing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com