Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4356ABCZ Datasheet(PDF) 26 Page - Analog Devices

Part # ADA4356ABCZ
Description  Programmable Transimpedance, Current to Bits Receiver μModule
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4356ABCZ Datasheet(HTML) 26 Page - Analog Devices

Back Button ADA4356ABCZ Datasheet HTML 22Page - Analog Devices ADA4356ABCZ Datasheet HTML 23Page - Analog Devices ADA4356ABCZ Datasheet HTML 24Page - Analog Devices ADA4356ABCZ Datasheet HTML 25Page - Analog Devices ADA4356ABCZ Datasheet HTML 26Page - Analog Devices ADA4356ABCZ Datasheet HTML 27Page - Analog Devices ADA4356ABCZ Datasheet HTML 28Page - Analog Devices ADA4356ABCZ Datasheet HTML 29Page - Analog Devices ADA4356ABCZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 61 page
background image
Data Sheet
ADA4356
analog.com
Rev. 0
26 of 61
Figure 37. Pulse Response Rising Edge for Various Source
Capacitances, TZ = 4.54kΩ, LPF = 100MHz
Figure 38. Pulse Response Falling Edge for Various Source
Capacitances, TZ = 4.54kΩ, LPF = 100MHz
Figure 39. Pulse Response Rising Edge for Various Source
Capacitances, TZ = 11kΩ, LPF = 100MHz
Figure 40. Pulse Response Falling Edge for Various Source
Capacitances, TZ = 11kΩ, LPF = 100MHz
Figure 41. Pulse Response Rising Edge for Various Source
Capacitances, TZ = 133kΩ, LPF = 1MHz
Figure 42. Pulse Response Falling Edge for Various Source
Capacitances, TZ = 133kΩ, LPF = 1MHz
SOURCE CAPACITANCE = 0.5pF
SOURCE CAPACITANCE = 2pF
SOURCE CAPACITANCE = 5pF
SOURCE CAPACITANCE = 10pF
TIME (µs)
–0.10
–0.05
0
0.05
0.10
0.15
0.20
–50
0
50
100
150
200
250
300
350
SOURCE CAPACITANCE = 0.5pF
SOURCE CAPACITANCE = 2pF
SOURCE CAPACITANCE = 5pF
SOURCE CAPACITANCE = 10pF
TIME (µs)
0.20
0.24
0.28
0.32
0.36
0.40
–50
0
50
100
150
200
250
300
350
SOURCE CAPACITANCE = 0.5pF
SOURCE CAPACITANCE = 2pF
SOURCE CAPACITANCE = 5pF
SOURCE CAPACITANCE = 10pF
TIME (µs)
–0.10
–0.05
0
0.05
0.10
0.15
0.20
–20
0
20
40
60
80
100
120
SOURCE CAPACITANCE = 0.5pF
SOURCE CAPACITANCE = 2pF
SOURCE CAPACITANCE = 5pF
SOURCE CAPACITANCE = 10pF
TIME (µs)
0.20
0.24
0.28
0.32
0.36
0.40
–20
0
20
40
60
80
100
120
SOURCE CAPACITANCE = 0.5pF
SOURCE CAPACITANCE = 2pF
SOURCE CAPACITANCE = 5pF
SOURCE CAPACITANCE = 10pF
TIME (µs)
–1.0
–0.5
0
0.5
1.0
1.5
2.0
–2
0
2
4
6
8
10
12
SOURCE CAPACITANCE = 0.5pF
SOURCE CAPACITANCE = 2pF
SOURCE CAPACITANCE = 5pF
SOURCE CAPACITANCE = 10pF
TIME (µs)
4.0
4.5
5.0
5.5
6.0
6.5
7.0
–2
0
2
4
6
8
10
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com