Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4356ABCZ Datasheet(PDF) 47 Page - Analog Devices

Part # ADA4356ABCZ
Description  Programmable Transimpedance, Current to Bits Receiver μModule
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4356ABCZ Datasheet(HTML) 47 Page - Analog Devices

Back Button ADA4356ABCZ Datasheet HTML 43Page - Analog Devices ADA4356ABCZ Datasheet HTML 44Page - Analog Devices ADA4356ABCZ Datasheet HTML 45Page - Analog Devices ADA4356ABCZ Datasheet HTML 46Page - Analog Devices ADA4356ABCZ Datasheet HTML 47Page - Analog Devices ADA4356ABCZ Datasheet HTML 48Page - Analog Devices ADA4356ABCZ Datasheet HTML 49Page - Analog Devices ADA4356ABCZ Datasheet HTML 50Page - Analog Devices ADA4356ABCZ Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 61 page
background image
Data Sheet
ADA4356
analog.com
Rev. 0
47 of 61
Note that some patterns do not adhere to the data format select option. In addition, custom, user-defined test
patterns can be assigned in the following register addresses: Register 0x19, Register 0x1A, Register 0x1B, and Register
0x1C.
Table 14. Digital Output Coding
INPUT (V)1
CONDITION
OFFSET BINARY OUTPUT MODE
TWO’s COMPLEMENT MODE
VIN+ − VIN−
<−1V − 0.5LSB
0000 0000 0000 0000
1000 0000 0000 0000
VIN+ − VIN−
−1V
0000 0000 0000 0000
1000 0000 0000 0000
VIN+ − VIN−
0V
1000 0000 0000 0000
0000 0000 0000 0000
VIN+ − VIN−
+1V − 1.0LSB
1111 1111 1111 1100
0111 1111 1111 1100
VIN+ − VIN−
>+1V − 0.5LSB
1111 1111 1111 1100
0111 1111 1111 1100
1
VIN+ and VIN− are the positive and negative input voltages.
Table 15. Flexible Output Test Modes
OUTPUT
TEST
MODE BIT
SEQUENCE
PATTERN
NAME
DIGITAL OUTPUT WORD
1
DIGITAL OUTPUT
WORD 2
SUBJECT
to DATA
FORMAT
SELECT
NOTES
0000
Off (default)
Not applicable (N/A)
N/A
N/A
N/A
0001
Midscale short
1000 0000 0000 (12-bit)
1000 0000 0000 0000 (16-
bit)
N/A
Yes
Offset
binary
code
shown
0010
+Full-scale
short
1111 1111 1111 (12-bit)
1111 1111 1111 1100 (16-
bit)
N/A
Yes
Offset
binary
code
shown
0011
−Full-scale
short
0000 0000 0000 (12-bit)
0000 0000 0000 0000 (16-
bit)
N/A
Yes
Offset
binary
code
shown
0100
Checkerboard
1010 1010 1010 (12-bit)
1010 1010 1010 1000 (16-
bit)
0101 0101 0101 (12-bit)
0101 0101 0101 0100
(16-bit)
No
N/A
0101
PN sequence
long1
N/A
N/A
Yes
PN23
ITU 0.150
X23 + X18 +
1
0110
PN sequence
short1
N/A
N/A
Yes
PN9
ITU 0.150
X9 + X5 + 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com