Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4356ABCZ Datasheet(PDF) 29 Page - Analog Devices

Part # ADA4356ABCZ
Description  Programmable Transimpedance, Current to Bits Receiver μModule
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4356ABCZ Datasheet(HTML) 29 Page - Analog Devices

Back Button ADA4356ABCZ Datasheet HTML 25Page - Analog Devices ADA4356ABCZ Datasheet HTML 26Page - Analog Devices ADA4356ABCZ Datasheet HTML 27Page - Analog Devices ADA4356ABCZ Datasheet HTML 28Page - Analog Devices ADA4356ABCZ Datasheet HTML 29Page - Analog Devices ADA4356ABCZ Datasheet HTML 30Page - Analog Devices ADA4356ABCZ Datasheet HTML 31Page - Analog Devices ADA4356ABCZ Datasheet HTML 32Page - Analog Devices ADA4356ABCZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 61 page
background image
Data Sheet
ADA4356
analog.com
Rev. 0
29 of 61
Figure 55. Overload Recovery, TZ = 133kΩ, 5µs Pulse Width,
LPF = 1MHz
Figure 56. Overload Recovery, TZ = 133kΩ, 1µs Pulse Width,
LPF = 100MHz
Figure 57. TIA Gain Distribution, TZ = 4.54kΩ
Figure 58. TIA Gain Drift Distribution, TZ = 4.54kΩ
Figure 59. TIA Gain Distribution, TZ = 11kΩ
Figure 60. TIA Gain Drift Distribution, TZ = 11kΩ
IIN = 12µA
IIN = 24µA
IIN = 48µA
TIME (µs)
–5
0
5
10
15
20
25
30
0.01
0.1
1
10
100
IIN = 12µA
IIN = 24µA
IIN = 48µA
TIME (µs)
–5
0
5
10
15
20
0.01
0.1
1
10
100
N = 214 UNITS
µ = 4.550kΩ
σ = 0.013kΩ
GAIN (kΩ)
4.50 4.51 4.52 4.53 4.54 4.55 4.56 4.57 4.58 4.59 4.60
0
5
10
15
20
25
30
N = 214 UNITS
µ = 19.46ppm/°C
σ = 15.04ppm/°C
GAIN DRIFT (ppm/°C)
–50 –40 –30 –20 –10 0
10 20 30 40 50 60 70 80 90 100
0
5
10
15
20
25
30
N = 214 UNITS
µ = 11.024kΩ
σ = 0.030kΩ
GAIN (kΩ)
10.92
10.96
11.00
11.04
11.08
11.12
11.16
0
5
10
15
20
25
30
N = 214 UNITS
µ = 5.03ppm/°C
σ = 13.39ppm/°C
GAIN DRIFT (ppm/°C)
–48
–32
–16
0
16
32
48
64
80
0
5
10
15
20
25
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com