Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4356ABCZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADA4356ABCZ
Description  Programmable Transimpedance, Current to Bits Receiver μModule
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4356ABCZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADA4356ABCZ Datasheet HTML 8Page - Analog Devices ADA4356ABCZ Datasheet HTML 9Page - Analog Devices ADA4356ABCZ Datasheet HTML 10Page - Analog Devices ADA4356ABCZ Datasheet HTML 11Page - Analog Devices ADA4356ABCZ Datasheet HTML 12Page - Analog Devices ADA4356ABCZ Datasheet HTML 13Page - Analog Devices ADA4356ABCZ Datasheet HTML 14Page - Analog Devices ADA4356ABCZ Datasheet HTML 15Page - Analog Devices ADA4356ABCZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 61 page
background image
Data Sheet
ADA4356
analog.com
Rev. 0
12 of 61
Table 5. ADC LVDS Output Specifications1,2
(Full temperature range, unless otherwise specified.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CLOCK3
Input Rate
10
1000
MHz
Conversion
Rate4
fconv
10
125
MSPS
Pulse Width
tEH
High
6.25 to 4.0
ns
tEL
Low
6.25 to 4.0
ns
OUTPUT PARAMETERS3
Propagation
Delay
tPD
1.5
2.3
3.1
ns
Rise Time5
tR
20% to 80%
300
ps
Fall Time5
tF
80% to 20%
300
ps
Frame Clock
Output (FCO)
Propagation
Delay
tFCO
1.5
2.3
3.1
ns
DCO
Propagation
Delay6
tCPD
tFCO + (tSAMPLE/16)
ns
DCO to Data
Delay6
tDATA
(tSAMPLE/16) −
300
tSAMPLE/16
(tSAMPLE/16) + 300
ps
DCO to FCO
Delay6
tFRAME
(tSAMPLE/16) −
300
tSAMPLE/16
(tSAMPLE/16) + 300
ps
Lane Delay
tLD
90
ps
Data to Data
Skew5
tDATA-MAX −
tDATA-MIN
±50
±200
ps
Wake-Up Time
Standby, 25°C
250
ns
Power-down,
25°C
375
µs
Pipeline
Latency
16
Clock
Cycles
APERTURE
Aperture Delay
tA
25°C
1
ns
Aperture
Uncertainty
(Jitter)5
tJ
25°C
174
fs rms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com