Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RLLA2:P-TR Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RLLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RLLA2:P-TR Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS25LEG-RLLA2:P-TR Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
8
Rev. A3
10/02/2025
1. PIN CONFIGURATION
Top View, Balls Facing Down
NC
NC
NC
NC
F1
F2
F3
F4
NC
RESET#/NC
NC
NC
SCK
GND
VCC
NC
CE#
NC
WP#(IO2)
NC
SO(IO1)
SI(IO0)
HOLD# or
RESET# (IO3)
NC
NC
NC
NC
NC
A2
A3
A3
A4
B1
B2
B3
B4
C1
C2
C3
C4
D1
D2
D3
D4
E1
E2
E3
E4
A1
(1)
NC
NC
NC
SCK
GND
VCC
NC
CE#
NC
WP#(IO2)
NC
SO(IO1)
SI(IO0)
HOLD# or
RESET# (IO3)
NC
NC
NC
NC
NC
NC
NC/WP#
NC
Top View, Balls Facing Down
NC
A2
A3
A4
B1
B2
B3
B4
C1
C2
C3
C4
D1
D2
D3
D4
E1
E2
E3
E4
A5
B5
C5
D5
E5
(1)
RESET#/NC
(2)
(2)
(2)
Notes:
1.
The pin can be configured as Hold# or Reset# by setting P7 bit of the Read Register. Pin default is Hold# (IO3).
2.
C4= IO2, and C5 = dedicated WP#, and A4 = RESET# in option W.
16-pin SOIC 300mil
(1)
6
3
CE#
Vcc
SCK
SI (IO0
)
7
8
5
4
1
2
GND
WP# (IO2)
SO (IO1)
HOLD# or
RESET# (IO3)
8-contact WSON 8x6mm
12
10
11
9
13
15
14
5
7
6
8
4
2
3
16
1
Vcc
HOLD# or RESET#
(IO3)
SCK
CE#
WP# (IO2)
GND
NC
NC
NC
NC
NC
SI (IO0)
SO (IO1)
NC
NC
RESET#/NC
24-ball TFBGA 6x8mm (4x6 ball array)
(Package: G)
24-ball TFBGA 6x8mm (5x5 ball array)
(Package: H)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com