Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RLLA2:P-TR Datasheet(PDF) 82 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RLLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RLLA2:P-TR Datasheet(HTML) 82 Page - Integrated Silicon Solution, Inc

Back Button IS25LEG-RLLA2:P-TR Datasheet HTML 78Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 79Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 80Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 81Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 82Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 83Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 84Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 85Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 86Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
82
Rev. A3
10/02/2025
FAST READ QUAD I/O OPERATION IN QPI MODE (FRQIO, EBh or 4FRQIO, ECh)
The FRQIO/4FRQIO instruction in QPI mode is used to read memory data.
The FRQIO/4FRQIO instruction in QPI mode utilizes all four IO lines to input the instruction code so that only two
clocks are required, while the FRQIO/4FRQIO instruction requires that the byte-long instruction code is shifted into
the device only via IO0 line in eight clocks. As a result, 6 command cycles will be reduced by the FRQIO/4FRQIO
QPI instruction. In addition, subsequent address and data out are shifted in/out via all four IO lines like the
FRQIO/4FRQIO instruction. In fact, except for the command cycle, the FRQIO/4FRQIO operation in QPI mode is
exactly same as the FRQIO/4FRQIO operation in SPI mode.
The device supports the AX read operation by applying mode bits during dummy period. Mode bits consist of 8
bits, such as M7 to M0. Two cycles after address input are reserved for Mode bits in FRQIO/4FRQIO execution.
M7 to M4 are important for enabling this mode. M3 to M0 become don’t care for future use. When M[7:4]=1010(Ah),
it enables the AX read operation and subsequent FRQIO/4FRQIO execution skips command code. It saves cycles
as described in Figures 8.17 and 8.18. When the code is different from AXh (where X is don’t care), the device
exits the AX read operation. After finishing the read operation, device becomes ready to receive a new command.
SPI or QPI mode configuration retains the prior setting. Mode bit must be applied during dummy cycles. Number
of dummy cycles in Table 6.11 includes number of mode bit cycles. If dummy cycles are configured as 6 cycles,
data output will start right after mode bits and 4 additional dummy cycles are applied.
If the FRQIO/4FRQIO instruction in QPI mode is issued while an Erase, Program or Write cycle is in process
(WIP=1) the instruction is ignored and will not have any effects on the current cycle.
Figure 8.19 Fast Read Quad I/O Sequence In QPI Mode (EBh [EXTADD=0], 3-byte address)
EBh
CE#
SCK
IO[3:0]
6 Dummy Cycles
3-byte Address
0
1
2
3
4
5
6
7
8
9
...
13
14
15
16
17
Mode 3
Mode 0
23:20
7:4
3:0
7:4
3:0
Data 1
Data 2
19:16 15:12 11:8
7:4
3:0
...
tV
Instruction
Mode Bits
7:4
3:0
...
Notes:
1. If the mode bits=AXh (where X is don’t care), it can execute the AX read mode (without command). When the mode
bits are different from AXh, the device exits the AX read operation.
2. Number of dummy cycles depends on Read Parameter setting. Detailed information in Table 6.11 Read Dummy
Cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com