Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RLLA2:P-TR Datasheet(PDF) 58 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RLLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RLLA2:P-TR Datasheet(HTML) 58 Page - Integrated Silicon Solution, Inc

Back Button IS25LEG-RLLA2:P-TR Datasheet HTML 54Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 55Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 56Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 57Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 58Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 59Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 60Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 61Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 62Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
58
Rev. A3
10/02/2025
Instruction
Name
Operation
Mode
Byte0
Byte1
Byte2
Byte3
Byte4
Byte5
Byte6
RDPWD
Read Password
SPI
QPI
E7h
Data out
(8 byte)
PGPWD
Program
Password
SPI
QPI
E8h
PD
(8 byte)
UNPWD
Unlock
Password
SPI
QPI
E9h
Data in
(8 byte)
GBLK
Set all DYB bits
(Gang Sector/
Block Lock)
SPI
QPI
7Eh
GBUN
Clear all DYB bits
(Gang Sector/
Block Unlock)
SPI
QPI
98h
RDDLP
Read Data
Learning Pattern
SPI
QPI
41h
Data out
PNVDLR
Program DLP
Register (Non-
Volatile)
SPI
QPI
43h
Data in
WRVDLR
Write DLP
Register
(Volatile)
SPI
QPI
4Ah
Data in
RDECC
Read ECC
register
SPI
QPI
B3h
Data in
WRECC
Write ECC
register
SPI
QPI
B5h
Data in
CLECC
Clear ECC
Register
SPI
QPI
B6h
Notes:
1. The number of dummy cycles depends on the value setting in the Table 6.11 Read Dummy Cycles.
2. AXh has to be counted as a part of dummy cycles. X means “don’t care”.
3. XX means “don’t care”.
4. A<23:9> are “don’t care” and A<8:4> are always “0”.
5. Call Factory for optional device, which supports PPQ with 32h/38h, and 4PPQ with 34h/3Eh. Optional device
doesn’t support PPQIO/4PPQIO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com