Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RLLA2:P-TR Datasheet(PDF) 89 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RLLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RLLA2:P-TR Datasheet(HTML) 89 Page - Integrated Silicon Solution, Inc

Back Button IS25LEG-RLLA2:P-TR Datasheet HTML 85Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 86Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 87Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 88Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 89Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 90Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 91Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 92Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 93Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
89
Rev. A3
10/02/2025
8.12 QUAD I/O PAGE PROGRAM OPERATION (PPQIO, 38h or 4PPQIO, 3Eh)
The Quad I/O Page Program instruction transfers address and data (up to 256/512 bytes) in a single operation with
four pins (IO0, IO1, IO2 and IO3).
The destination of the memory to be programmed must be outside the protected memory area set by the Block
Protection (BP3, BP2, BP1, BP0) bits or ASP. A Quad I/O Page Program instruction which attempts to program
into a page that is write-protected will be ignored.
Before the execution of Quad I/O Page Program instruction, the QE bit in the Status Register must be set to “1”
and the Write Enable Latch (WEL) must be enabled through a Write Enable (WREN) instruction.
• 38h (EXTADD=0) is followed by a 3-byte address (A23-A0) or
• 38h (EXTADD=1) is followed by a 4-byte address (A31-A0) or
• 3Eh is followed by a 4-byte address (A31-A0)
Program operation will start immediately after the CE# is brought high, otherwise the Quad Input Page Program
instruction will not be executed. The internal control logic automatically handles the programming voltages and
timing. The progress or completion of the program operation can be determined by reading the WIP bit. If the WIP
bit is “1”, the program operation is still in progress. If WIP bit is “0”, the program operation has completed.
If more than 256/512 bytes data are sent to a device, the address counter rolls over within the same page, the
previously latched data are discarded, and the last 256/512 bytes data are kept to be programmed into the page.
The starting byte can be anywhere within the page. When the end of the page is reached, the address will wrap
around to the beginning of the same page. If the data to be programmed are less than a full page, the data of all
other bytes on the same page will remain unchanged.
Note: A program operation can alter “1”s into “0”s, but an erase operation is required to change “0”s back to “1”s.
When ECC is ON, ECC protection applied on each 128-bit boundary, so the device only allows a single
programming operation to each 16-byte boundary between erase operations. Incremental programming is not
allowed and ignored.
Figure 8.27 Quad I/O Page Program operation (38h [EXTADD=0], 3-byte address)
Instruction = 38h
20
CE#
SCK
4
0
4
0
3-byte Address
High Impedance
16
...
0
0
1
2
3
4
5
6
7
8
9
15
16
17
18
19
Mode 3
Mode 0
IO0
IO1
Data In 2
IO2
IO3
...
Data In 1
...
...
21
5
1
5
1
17
...
1
...
22
6
2
6
2
18
...
2
...
23
7
3
7
3
19
...
3
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com