Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RLLA2:P-TR Datasheet(PDF) 38 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RLLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RLLA2:P-TR Datasheet(HTML) 38 Page - Integrated Silicon Solution, Inc

Back Button IS25LEG-RLLA2:P-TR Datasheet HTML 34Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 35Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 36Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 37Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 38Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 39Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 40Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 41Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 42Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
38
Rev. A3
10/02/2025
6.5.6 DATA LEARNING PATTERN REGISTER
Related Commands: Read DLP (RDDLP 41h), Program Non-Volatile DLP Register (PNVDLR 43h), Write Volatile
DLP Register (WRVDLR 4Ah).
The Data Learning Pattern (DLP) resides in an 8-bit NON-Volatile Data Learning Register (NVDLR) as well as an
8-bit Volatile Data Learning Register (VDLR). When shipped from the factory, default value is 00h.
A copy of the data pattern in NVDLR will also be written to the VDLR. The VDLR can be written to at any time, but
on power cycles the data pattern will return back to data pattern in NVDLR.
During Data Training phase, DLP will come from VDLR.
Table 6.24 Non-Volatile Data Learning Register (NVDLR)
Bit
Name
Definition
Default
Read-
/Write
Type
7:0
NVDLP
Non-Volatile Data Learning Pattern:
The value that may be transferred to the host during DDR
read command latency (dummy) cycles to provide a training
pattern to help the host more accurately center the data
capture point in the received data bits.
00h
R/W
Non-Volatile
Table 6.25 Volatile Data Learning Register (VDLR)
Bit
Name
Definition
Default
Read-
/Write
Type
7:0
VDLP
Volatile Data Learning Pattern:
Volatile copy of the NVDLP used to enable and deliver
the
Data Learning Pattern to the outputs. The VDLP may be
changed by the host during system operation.
Takes the
value of
NVDLR
during POR or
Reset
R/W
Volatile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com