Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RLLA2:P-TR Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RLLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RLLA2:P-TR Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button IS25LEG-RLLA2:P-TR Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 14Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
10
Rev. A3
10/02/2025
SYMBOL
TYPE
DESCRIPTION
RESET#
INPUT
Dedicated RESET#: This dedicated RESET# is available in 16-pin SOIC and 24-ball
BGA packages.
The RESET# pin is a hardware RESET signal. When RESET# is driven HIGH, the
memory is in the normal operating mode. When RESET# is driven LOW, the memory
enters reset mode and output is High-Z. If RESET# is driven LOW while an internal
WRITE, PROGRAM, or ERASE operation is in progress, data may be lost.
Dedicated RESET# function can be Disabled when bit 0 of Function Register = 1.
It has an internal pull-up resistor and may be left floating if not used.
SCK
INPUT
Serial Data Clock: Synchronized Clock for input and output timing operations.
Vcc
POWER
Power: Device Core Power Supply
GND
GROUND
Ground: Connect to ground when referenced to Vcc
NC
Unused
NC: Pins labeled “NC” stand for “No Connect” and should be left uncommitted.
Note:
1.
Internal pull-up register on the dedicated RESET pin and dedicated WP# pin is always enabled regardless of
QE bit setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com