Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RLLA2:P-TR Datasheet(PDF) 56 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RLLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RLLA2:P-TR Datasheet(HTML) 56 Page - Integrated Silicon Solution, Inc

Back Button IS25LEG-RLLA2:P-TR Datasheet HTML 52Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 53Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 54Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 55Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 56Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 57Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 58Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 59Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 60Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
56
Rev. A3
10/02/2025
Instruction
Name
Operation
Mode
Byte0
Byte1
Byte2
Byte3
Byte4
Byte5
Byte6
Byte7
Byte8
SERPV
Set Extended
Read Parameters
(Volatile)
SPI
QPI
83h
Data in
RDRP
Read Read
Parameters
(Volatile)
SPI
QPI
61h
Data out
RDERP
Read Extended
Read Parameters
(Volatile)
SPI
QPI
81h
Data out
CLERP
Clear Extended
Read Register
SPI
QPI
82h
RDJDID
Read JEDEC
ID Command
SPI
QPI
9Fh
MF7-
MF0
ID15-
ID8
ID7-ID0
RDMDID
Read
Manufacturer
& Device ID
SPI
QPI
90h
XXh(3)
XXh(3)
00h
MF7-MF0
ID7-ID0
01h
ID7-ID0
MF7-
MF0
RDJDIDQ
Read JEDEC
ID
QPI mode
QPI
AFh
MF7-
MF0
ID15-
ID8
ID7-ID0
RDUID
Read
Unique ID
SPI
QPI(5)
4Bh
A(4)
<23:16>
A(4)
<15:8>
A(4)
<7:0>
Dummy(1)
Data out
RDSFDP
SFDP Read
SPI
5Ah
A
<23:16>
A
<15:8>
A
<7:0>
Dummy
Data out
QPI
5Ah
A
<23:16>
Quad
A
<15:8>
Quad
A
<7:0>
Quad
Dummy
Dummy
Dummy
Dummy
Quad
Data out
NOP
No Operation
SPI
QPI
00h
RSTEN
Software
Reset
Enable
SPI
QPI
66h
RST
Software Reset
SPI
QPI
99h
IRER
Erase
Information
Row
SPI
QPI
64h
A
<23:16>
A
<15:8>
A
<7:0>
IRP
Program
Information
Row
SPI
QPI
62h
A
<23:16>
A
<15:8>
A
<7:0>
PD
(256byte)
IRRD
Read
Information
Row
SPI
QPI(5)
68h
A
<23:16>
A
<15:8>
A
<7:0>
Dummy(1)
Data out
SECUNLOCK
Sector Unlock
(3-byte Address)
SPI
QPI
26h
A
<23:16>
A
<15:8>
A
<7:0>
SECUNLOCK
Sector Unlock
(4-byte Address)
SPI
QPI
26h
A
<31:24>
A
<23:16>
A
<15:8>
A
<7:0>
4SECUNLOCK
4-byte Address
Sector Unlock
SPI
QPI
25h
A
<31:24>
A
<23:16>
A
<15:8>
A
<7:0>
SECLOCK
Sector Lock
SPI
QPI
24h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com