Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RLLA2:P-TR Datasheet(PDF) 67 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RLLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RLLA2:P-TR Datasheet(HTML) 67 Page - Integrated Silicon Solution, Inc

Back Button IS25LEG-RLLA2:P-TR Datasheet HTML 63Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 64Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 65Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 66Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 67Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 68Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 69Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 70Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 71Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
67
Rev. A3
10/02/2025
8.6 FAST READ DUAL I/O OPERATION (FRDIO, BBh or 4FRDIO, BCh)
The Fast Read Dual I/O (FRDIO, 4FRDIO) instruction allows the address bits to be input two bits at a time. This
may allow for code to be executed directly from the SPI in some applications.
• BBh (EXTADD=0) is followed by a 3-byte address (A23-A0) or
• BBh (EXTADD=1) is followed by a 4-byte address (A31-A0) or
• BCh is followed by a 4-byte address (A31-A0)
The FRDIO/4FRDIO instruction code is followed by three or four address bytes as above and dummy cycles
(configurable, default is 4 clocks), transmitted via the IO1 and IO0 lines, with each pair of bits latched-in during the
rising edge of SCK. The address MSB is input on IO1, the next bit on IO0, and this shift pattern continues to
alternate between the two lines. Depending on the usage of AX read operation mode, a mode byte may be located
after address input.
The first data byte addressed is shifted out on the IO1 and IO0 lines, with each pair of bits shifted out at a maximum
frequency fCT, during the falling edge of SCK. The first bit (MSB) is output on IO1, while simultaneously the second
bit is output on IO0. Figures 8.7 and 8.8 illustrates the timing sequence.
The first byte addressed can be at any memory location. The address is automatically incremented by one after
each byte of data is shifted out. When the highest address is reached, the address counter will roll over to the
000000h address, allowing the entire memory to be read with a single FRDIO/4FRDIO instruction. The
FRDIO/4FRDIO instruction is terminated by driving CE# high (VIH).
The device supports the AX read operation by applying mode bits during dummy period. Mode bits consist of 8
bits, such as M7 to M0. Four cycles after address input are reserved for Mode bits in FRDIO/4FRDIO execution.
M7 to M4 are important for enabling this mode. M3 to M0 become don’t care for future use. When M[7:4]=1010(Ah),
it enables the AX read operation and subsequent FRDIO/4FRDIO execution skips command code. It saves cycles
as described in Figures 8.9 and 8.10. When the code is different from AXh (where X is don’t care), the device exits
the AX read operation. After finishing the read operation, device becomes ready to receive a new command. SPI
or QPI mode configuration retains the prior setting. Mode bit must be applied during dummy cycles. Number of
dummy cycles in Table 6.11 includes number of mode bit cycles. If dummy cycles are configured as 4 cycles, data
output will start right after mode bit is applied.
If the FRDIO/4FRDIO instruction is issued while an Erase, Program or Write cycle is in process (WIP=1) the
instruction is ignored and will not affect the current cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com