Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RLLA2:P-TR Datasheet(PDF) 77 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RLLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RLLA2:P-TR Datasheet(HTML) 77 Page - Integrated Silicon Solution, Inc

Back Button IS25LEG-RLLA2:P-TR Datasheet HTML 73Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 74Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 75Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 76Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 77Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 78Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 79Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 80Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 81Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
77
Rev. A3
10/02/2025
8.9 FAST READ QUAD I/O OPERATION (FRQIO, EBh or 4FRQIO, ECh)
The FRQIO/4FRQIO instruction allows the address bits to be input four bits at a time. A Quad Enable (QE) bit of
status Register must be set to “1” before sending FRQIO/4FRQIO instruction. This may allow for code to be
executed directly from the SPI in some applications.
• EBh (EXTADD=0) is followed by a 3-byte address (A23-A0) or
• EBh (EXTADD=1) is followed by a 4-byte address (A31-A0) or
• ECh is followed by a 4-byte address (A31-A0)
The FRQIO/4FRQIO instruction code is followed by three or four address bytes as above and dummy cycles
(configurable, default is 6 clocks), transmitted via the IO3, IO2, IO1 and IO0 lines, with each group of four bits
latched-in during the rising edge of SCK. The address of MSB inputs on IO3, the next bit on IO2, the next bit on
IO1, the next bit on IO0, and continue to shift in alternating on the four. Depending on the usage of AX read
operation mode, a mode byte may be located after address input.
The first data byte addressed is shifted out on the IO3, IO2, IO1 and IO0 lines, with each group of four bits shifted
out at a maximum frequency fCT, during the falling edge of SCK. The first bit (MSB) is output on IO3, while
simultaneously the second bit is output on IO2, the third bit is output on IO1, etc. Figures 8.15 and 8.16 illustrates
the timing sequence.
The first byte addressed can be at any memory location. The address is automatically incremented after each byte
of data is shifted out. When the highest address is reached, the address counter will roll over to the 000000h
address, allowing the entire memory to be read with a single FRQIO/4FRQIO instruction. FRQIO/4FRQIO
instruction is terminated by driving CE# high (VIH).
The device supports the AX read operation by applying mode bits during dummy period. Mode bits consist of 8
bits, such as M7 to M0. Two cycles after address input are reserved for Mode bits in FRQIO/4FRQIO execution.
M7 to M4 are important for enabling this mode. M3 to M0 become don’t care for future use. When M[7:4]=1010(Ah),
it enables the AX read operation and subsequent FRQIO/4FRQIO execution skips command code. It saves cycles
as described in Figures 8.17 and 8.18. When the code is different from AXh (where X is don’t care), the device
exits the AX read operation. After finishing the read operation, device becomes ready to receive a new command.
SPI or QPI mode configuration retains the prior setting. Mode bit must be applied during dummy cycles. Number
of dummy cycles in Table 6.11 includes number of mode bit cycles. If dummy cycles are configured as 6 cycles,
data output will start right after mode bits and 4 additional dummy cycles are applied.
If the FRQIO/4FRQIO instruction is issued while an Erase, Program or Write cycle is in process (WIP=1) the
instruction is ignored and will not have any effects on the current cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com