Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RLLA2:P-TR Datasheet(PDF) 96 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RLLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RLLA2:P-TR Datasheet(HTML) 96 Page - Integrated Silicon Solution, Inc

Back Button IS25LEG-RLLA2:P-TR Datasheet HTML 92Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 93Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 94Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 95Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 96Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 97Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 98Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 99Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 100Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
96
Rev. A3
10/02/2025
8.16 CHIP ERASE OPERATION (CER, C7h/60h)
A Chip Erase (CER) instruction erases the entire memory array. Before the execution of CER instruction, the Write
Enable Latch (WEL) must be set via a Write Enable (WREN) instruction. The WEL is automatically reset after
completion of a chip erase operation.
The CER instruction code is input via the SI. Erase operation will start immediately after CE# is pulled high,
otherwise the CER instruction will not be executed. The internal control logic automatically handles the erase
voltage and timing.
Chip Erase (CER) instruction can be executed only when Block Protection (BP3~BP0) bits are set to 0s. If the BP
bits are not 0, the CER command is not executed and E_ERR and PROT_E are set.
Chip Erase (CER) instruction will skip sectors/blocks protected by ASP (DYB bits or PPB bits) and will not set
E_ERR and PROT_E if sectors/blocks are protected by ASP only.
Figure 8.40 Chip Erase Sequence In SPI Mode
Instruction = C7h/60h
CE#
SCK
SI
0
1
2
3
4
5
6
7
Mode 3
Mode 0
SO
High Impedance
Figure 8.41 Chip Erase Sequence In QPI Mode
C7h/60h
CE#
SCK
IO[3:0]
0
1
Mode 3
Mode 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com