Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RLLA2:P-TR Datasheet(PDF) 32 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RLLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RLLA2:P-TR Datasheet(HTML) 32 Page - Integrated Silicon Solution, Inc

Back Button IS25LEG-RLLA2:P-TR Datasheet HTML 28Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 29Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 30Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 31Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 32Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 33Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 34Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 35Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 36Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
32
Rev. A3
10/02/2025
6.3.2 EXTENDED READ REGISTER
Table 6.12 and Table 6.13 define all bits that control features in SPI/QPI modes. The ODS2, ODS1, ODS0 (EB7,
EB6, EB5) bits provide a method to set and control driver strength. The four bits (EB3, EB2, EB1, EB0) are read-
only bits and may be checked to know what the WIP status is or whether there is an error during an Erase, Program,
or Write/Set Register operation. These bits are not affected by SERPNV or SERPV commands. EB4 bit remains
reserved for future use.
The SET EXTENDED READ PARAMETERS Operations (SERPNV: 85h, SERPV: 83h) are used to set all the
Extended Read Register bits, and can thereby define the output driver strength used during READ modes. SRPNV
is used to set the non-volatile register and SRPV is used to set the volatile register.
Table 6.12 Extended Read Register Bit Table
Bit
EB7
EB6
EB5
EB4
EB3
EB2
EB1
EB0
Name
ODS2
ODS1
ODS0
DLPEN
E_ERR
P_ERR
PROT_E
WIP
Default
1
1
1
0
0
0
0
0
Table 6.13 Extended Read Register Bit Definition
Bit
Name
Definition
Read-
/Write
Type
EB0
WIP
Write In Progress Bit:
Has exactly same function as the bit0 (WIP) of Status Register
“0”: Ready, “1”: Busy
R
Volatile
EB1
PROT_E
Protection Error Bit:
"0" indicates no error
"1" indicates protection error in an Erase or a Program operation
R
Volatile
EB2
P_ERR
Program Error Bit:
"0" indicates no error
"1" indicates a Program operation failure or protection error
R
Volatile
EB3
E_ERR
Erase Error Bit:
"0" indicates no error
"1" indicates an Erase operation failure or protection error
R
Volatile
EB4
DLPEN
DLP Enable Bit
"0" indicates Disable
"1" indicates Enable
R/W
Non-Volatile
and Volatile
EB5
ODS0
Output Driver Strength:
Output Drive Strength can be selected according to Table 6.14
R/W
Non-Volatile
and Volatile
EB6
ODS1
R/W
Non-Volatile
and Volatile
EB7
ODS2
R/W
Non-Volatile
and Volatile
Table 6.14 Driver Strength Table
ODS2
ODS1
ODS0
Description
Remark
0
0
0
Reserved
0
0
1
90 ohms
0
1
0
60 ohms
0
1
1
45 ohms
1
0
0
Reserved
1
0
1
20 ohms
1
1
0
15 ohms
1
1
1
30 ohms
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com