Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RLLA2:P-TR Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RLLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RLLA2:P-TR Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS25LEG-RLLA2:P-TR Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
3
Rev. A3
10/02/2025
GENERAL DESCRIPTION
The IS25LE01GG and IS25WE01GG Serial Flash memory offers a versatile storage solution with high flexibility
and performance in a simplified pin count package. ISSI’s “Industry Standard Serial Interface” Flash is for systems
that require limited space, a low pin count, and low power consumption. The device is accessed through a 4-wire
SPI Interface consisting of a Serial Data Input (SI), Serial Data Output (SO), Serial Clock (SCK), and Chip Enable
(CE#) pins, which can also be configured to serve as multi-I/O (see pin descriptions).
The device supports Dual and Quad I/O as well as standard, Dual Output, and Quad Output SPI. The IS25xP
series of Flash adds support for DTR (Double Transfer Rate) commands that transfer addresses and read data
on both edges of the clock. These transfer rates can outperform 16-bit Parallel Flash memories allowing for
efficient memory access to support XIP (execute in place) operation.
Initial state of the memory array is erased (all bits are set to 1) when shipped from the factory.
QPI (Quad Peripheral Interface) supports 2-cycle instruction further reducing instruction times. Pages can be
erased in groups of 4Kbyte sectors, 32Kbyte blocks, 64K/256Kbyte blocks, and/or the entire chip. The uniform
sector and block architecture allows for a high degree of flexibility so that the device can be utilized for a broad
variety of applications requiring solid data retention.
ECC Protection (1-bit Error Correction) applies per every 16-byte (128-bit) to maximize reliability.
When ECC is ON, due to a partial programming restriction, it is recommended to program in
multiples of 16-byte (ECC Chunk size) data within 256byte page buffer.
Customer can program a byte or word within a chunk, but customer cannot do another partial
programming within a chunk without ERASE.
16-byte ECC Chunks within a Page (256 byte)
Chunk#
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16 Bytes
B0
~
B15
B16
~
B31
B32
~
B47
B48
~
B63
B64
~
B79
B80
~
B95
B96
~
B127
B128
~
B143
B144
~
B159
B160
~
B175
B144
~
B159
B176
~
B191
B192
~
B207
B208
~
B223
B224
~
B239
B240
~
B255



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com