Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RLLA2:P-TR Datasheet(PDF) 21 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RLLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RLLA2:P-TR Datasheet(HTML) 21 Page - Integrated Silicon Solution, Inc

Back Button IS25LEG-RLLA2:P-TR Datasheet HTML 17Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 18Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 19Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 20Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 21Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 22Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 23Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 24Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 25Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
21
Rev. A3
10/02/2025
Table 5.5. Parameter Table (1): 4-byte Address Instruction Tables
Description
Address
(Byte)
Address
(Bit)
Data
Support for (1-1-1) READ Command, Instruction = 13h
80h
0
1b
Support for (1-1-1) FAST_READ Command, Instruction = 0Ch
1
1b
Support for (1-1-2) FAST_READ Command, Instruction = 3Ch
2
1b
Support for (1-2-2) FAST_READ Command, Instruction = BCh
3
1b
Support for (1-1-4) FAST_READ Command, Instruction = 6Ch
4
1b
Support for (1-4-4) FAST_READ Command, Instruction = ECh
5
1b
Support for (1-1-1) Page Program Command, Instruction = 12h
6
1b
Support for (1-1-4) Page Program Command, Instruction = 34h
7
1b
Support for (1-4-4) Page Program Command, Instruction = 3Eh
81h
8
1b
Support for Erase Command-Type 1
9
1b
Support for Erase Command-Type 2
10
1b
Support for Erase Command-Type 3
11
1b (0b(1))
Support for Erase Command-Type 4
12
0b (1b(1))
Support for (1-1-1) DTR_READ Command, Instruction = 0Eh
13
1b
Support for (1-2-2) DTR_READ Command, Instruction = BEh
14
1b
Support for (1-4-4) DTR_READ Command, Instruction = EEh
15
1b
Support for volatile individual sector lock Read Command (E0h),
4RDDYB
82h
16
1b
Support for volatile individual sector lock Write Command (E1h),
4WRDYB
17
1b
Support for non-volatile individual sector lock Read Command
(E2h), 4RDPPB
18
1b
Support for non-volatile individual sector lock Write Command
(E3h), 4PGPPB
19
1b
Reserved
23:20
1111b
Reserved
83h
31:24
FFh
Sector Erase Instruction for Sector Type I
84h
7:0
21h
Sector Erase Instruction for Sector Type 2
85h
15:8
5Ch
Sector Erase Instruction for Sector Type 3
86h
23:16
DCh (FFh(1))
Sector Erase Instruction for Sector Type 4
87h
31:24
FFh (DCh(1))
Note:
1.
Only for option K (256KB Block Size instead of 64KB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com