Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RLLA2:P-TR Datasheet(PDF) 91 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RLLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RLLA2:P-TR Datasheet(HTML) 91 Page - Integrated Silicon Solution, Inc

Back Button IS25LEG-RLLA2:P-TR Datasheet HTML 87Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 88Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 89Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 90Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 91Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 92Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 93Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 94Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 95Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
91
Rev. A3
10/02/2025
8.14 SECTOR ERASE OPERATION (SER, D7h/20h or 4SER, 21h)
A Sector Erase (SER/4SER) instruction erases a 4 Kbyte sector before the execution of a SER/4SER instruction,
the Write Enable Latch (WEL) must be set via a Write Enable (WREN) instruction. The WEL bit is automatically
reset after the completion of Sector Erase operation.
• D7h/20h (EXTADD=0) is followed by a 3-byte address (A23-A0) or
• D7h/20h (EXTADD=1) is followed by a 4-byte address (A31-A0) or
• 21h is followed by a 4-byte address (A31-A0)
A SER/4SER instruction is entered, after CE# is pulled low to select the device and stays low during the entire
instruction sequence The SER/4SER instruction code, and three or four address bytes as above are input via SI.
Erase operation will start immediately after CE# is pulled high. The internal control logic automatically handles the
erase voltage and timing.
The progress or completion of the erase operation can be determined by reading the WIP bit. If the WIP bit is “1”,
the erase operation is still in progress. If the WIP bit is “0”, the erase operation has been completed.
Figure 8.28 Sector Erase Sequence In SPI Mode (D7h/20h [EXTADD=0], 3-byte address)
Instruction = D7h/20h
23
CE #
SCK
SI
3
2
SO
1
0
3-byte Address
High Impedance
22
21
...
0
1
2
3
4
5
6
7
8
9
10
...
28
29
30
31
Mode 3
Mode 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com