Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RLLA2:P-TR Datasheet(PDF) 24 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RLLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RLLA2:P-TR Datasheet(HTML) 24 Page - Integrated Silicon Solution, Inc

Back Button IS25LEG-RLLA2:P-TR Datasheet HTML 20Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 21Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 22Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 23Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 24Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 25Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 26Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 27Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 28Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
24
Rev. A3
10/02/2025
Table 6.3 Instructions requiring WREN instruction ahead
Instructions must be preceded by the WREN instruction
Name
Hex Code
Operation
PP
02h
Serial Input Page Program (3-byte or 4-byte Address)
4PP
12h
Serial Input Page Program (4-byte Address)
PPQ
32h
Quad Input Page Program (3-byte or 4-byte Address)
4PPQ
34h
Quad Input Page Program (4-byte Address)
PPQIO
38h
Quad I/O Page Program (3-byte or 4-byte Address)
4PPQIO
3Eh
Quad I/O Page Program (4-byte Address)
SER
D7h/20h
Sector Erase 4KB (3-byte or 4-byte Address)
4SER
21h
Sector Erase 4KB (4-byte Address)
BER32 (32KB)
52h
Block Erase 32KB (3-byte or 4-byte Address)
4BER32 (32KB)
5Ch
Block Erase 32KB (4-byte Address)
BER64 (64KB)
D8h
Block Erase 64KB (3-byte or 4-byte Address)
4BER64 (64KB)
DCh
Block Erase 64KB (4-byte Address)
CER
C7h/60h
Chip Erase
WRSR
01h
Write Status Register
WRFR
42h
Write Function Register
SRPNV
65h
Set Read Parameters (Non-Volatile)
SRPV(1)
63h
Set Read Parameters (Volatile)
SERPNV
85h
Set Extended Read Parameters (Non-Volatile)
SERPV
83h
Set Extended Read Parameters (Volatile)
IRER
64h
Erase Information Row
IRP
62h
Program Information Row
WRBRNV
18h
Write Non-Volatile Bank Address Register
WRBRV(1)
C5h
Write Volatile Bank Address Register
WRDYB
FBh
Write DYB Register (4-byte Address)
4WRDYB
E1h
Write DYB Register (3-byte or 4-byte Address)
PGPPB
FDh
Write PPB (3-byte or 4-byte Address)
4PGPPB
E3h
Write PPB (4-byte Address)
ERPPB
E4h
Erase PPB
PGASP
2Fh
Program ASP
WRPLB
A6h
Write PPB Lock Bit
SFRZ
91h
Set FREEZE bit
GBLK
7Eh
GANG Sector/Block Lock
GBUN
98h
GANG Sector/Block Unlock
PGPWD
E8h
Program Password
PNVDLR
43h
Program Non-Volatile Data Learning Pattern Register
WRVDLR
4Ah
Program Volatile Data Learning Pattern Register
PNVDLR
43h
Program Non-Volatile Data Learning Pattern Register
WRVDLR
4Ah
Program Volatile Data Learning Pattern Register
WRECC
B5h
Write ECC Register
Note:
1. C0h command for SRPV operation and 17h command for WRBRV operation do not require WREN command ahead.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com