Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RLLA2:P-TR Datasheet(PDF) 19 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RLLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RLLA2:P-TR Datasheet(HTML) 19 Page - Integrated Silicon Solution, Inc

Back Button IS25LEG-RLLA2:P-TR Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 16Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 17Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 18Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 19Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 20Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 21Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 22Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 23Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
19
Rev. A3
10/02/2025
Table 5.4 JEDEC Basic Flash Parameter Table (Continued)
Description
Address
(Byte)
Address
(Bit)
Data
Multiplier from typical time to maximum time for page or byte
PROGRAM, 2* (Count+1), 6.67
58h
3:0
0011b
Page size, 2^N bytes
7:4
1000b
(1001b(1))
Page Program Typical time, (Count+1) * units,
300/2000us(600/4000us)
5Ah:59h
12:8
00100b
(01001b(1))
Units (0b:8us, 1b:64us)
13
1b
Byte Program Typical time, first byte, (Count+1) * units, 10/70us
17:14
1001b
Units, 0b:1us, 1b:8us
18
0b
Byte Program Typical time, additional byte, (Count+1) * units,
(tPP-tBP)/255, 1.14us
22:19
0001b
Units (0b:1us, 1b:8us)
23
0b
Chip Erase, Typical time, (Count+1) * units, 280/720s
5Bh
28:24
00100b
Units (00b:16ms, 01b:256ms, 10b:4s, 11b:64s)
30:29
11b
Reserved
31
1b
Prohibited Operations During Program Suspend
5Ch
3:0
1100b
Prohibited Operations During Erase Suspend
7:4
1110b
Reserved
5Eh:5Dh
8
1b
Program Resume to Suspend Interval, (Couint+1) * 64us, 80us
12:9
0001b
Suspend in-progress program max latency, (Count+1) * units, 100us
17:13
01100b
Units (00b:128ns, 01b:1us, 10b:8us, 11b:64us)
19:18
10b
Erase Resume to Suspend Interval, (Couint+1) * 64us, 80us
23:20
0001b
Suspend in-progress erase max latency, (Count+1) * units, 100us
5Fh
28:24
01100b
Units (00b:128ns, 01b:1us, 10b:8us, 11b:64us)
30:29
10b
Suspend /Resume supported
31
0b
Program Resume Instruction
60h
7:0
7Ah
Program Suspend Instruction
61h
15:8
75h
Resume Instruction
62h
23:16
7Ah
Suspend Instruction
63h
31:24
75h
Reserved
64h
1:0
11b
Status Register Polling Device Busy
7:2
111101b
Note:
1.
Only for option K (512B Page Size instead of 256B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com