Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RLLA2:P-TR Datasheet(PDF) 43 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RLLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RLLA2:P-TR Datasheet(HTML) 43 Page - Integrated Silicon Solution, Inc

Back Button IS25LEG-RLLA2:P-TR Datasheet HTML 39Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 40Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 41Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 42Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 43Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 44Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 45Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 46Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 47Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
43
Rev. A3
10/02/2025
Table 7.2 PPB/DYB and Sector/Block mapping when Block Size is 64KB (TBPARM = 1)
Memory
Density
PPB
Group
DYB
Group
Block No.
(64Kbyte)
Sector No.
Sector
Size
(Kbyte)
Address Range
1Gb
PPB 0
DYB 0
Block 0
Sector 0
4
000 0000h – 000 0FFFh
:
:
:
:
:
:
:
:
:
:
PPB 15
DYB 15
Sector 15
4
000 F000h – 000 FFFFh
PPB 16
DYB 16
Block 1
Sector 16
4
001 0000h – 001 0FFFh
:
:
:
:
:
:
:
:
:
:
PPB 31
DYB 31
Sector 31
4
001 F000h – 001 FFFFh
PPB 32
DYB 32
Block 2
Sector 32
4
002 0000h – 002 0FFFh
:
:
:
:
:
:
Sector 47
4
002 F000h – 002 FFFFh
:
:
:
:
:
:
PPB 540
DYB 540
Block 510
Sector 8160
4
1FE 0000h – 1FE 0FFFh
:
:
:
:
:
:
Sector 8175
4
1FE F000h – 1FE FFFFh
PPB 541
DYB 541
Block 511
Sector 8176
4
1FF 0000h – 1FF 0FFFh
:
:
:
:
:
:
Sector 8191
4
1FF F000h – 1FF FFFFh
:
:
:
:
:
:
PPB 2076
DYB 2076
Block 2046
Sector
32736
4
7FE 0000h – 7FE 0FFFh
:
:
:
:
:
:
Sector
32751
4
7FE F000h – 7FE FFFFh
PPB 2077
DYB 2077
Block 2047
Sector
32752
4
7FF 0000h – 7FF 0FFFh
:
:
:
:
:
:
Sector
32767
4
7FF F000h – 7FF FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com