Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RLLA2:P-TR Datasheet(PDF) 55 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RLLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RLLA2:P-TR Datasheet(HTML) 55 Page - Integrated Silicon Solution, Inc

Back Button IS25LEG-RLLA2:P-TR Datasheet HTML 51Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 52Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 53Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 54Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 55Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 56Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 57Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 58Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 59Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
55
Rev. A3
10/02/2025
Instruction
Name
Operation
Mode
Byte0
Byte1
Byte2
Byte3
Byte4
Byte5
Byte6
BER32
(32KB)
Block Erase
32Kbyte
(3-byte Address)
SPI
QPI
52h
A
<23:16>
A
<15:8>
A
<7:0>
BER32
(32KB)
Block Erase
32Kbyte
(4-byte Address)
SPI
QPI
52h
A
<31::24>
A
<23:16>
A
<15:8>
A
<7:0>
4BER32
(32KB)
4-byte Address
Block Erase
32Kbyte
SPI
QPI
5Ch
A
<31::24>
A
<23:16>
A
<15:8>
A
<7:0>
BER64
(64KB)
Block Erase
64Kbyte
(3-byte Address)
SPI
QPI
D8h
A
<23:16>
A
<15:8>
A
<7:0>
BER64
(64KB)
Block Erase
64Kbyte
(4-byte Address)
SPI
QPI
D8h
A
<31::24>
A
<23:16>
A
<15:8>
A
<7:0>
4BER64
(64KB)
4-byte Address
Block Erase
64Kbyte
SPI
QPI
DCh
A
<31::24>
A
<23:16>
A
<15:8>
A
<7:0>
CER
Chip Erase
SPI
QPI
C7h/60h
WREN
Write Enable
SPI
QPI
06h
WRDI
Write Disable
SPI
QPI
04h
RDSR
Read Status
Register
SPI
QPI
05h
Data out
WRSR
Write Status
Register
SPI
QPI
01h
Data in
RDFR
Read Function
Register
SPI
QPI
48h
Data out
WRFR
Write Function
Register
SPI
QPI
42h
Data in
QPIEN
Enter
QPI mode
SPI
35h
QPIDI
Exit
QPI mode
QPI
F5h
PERSUS
Suspend during
program/erase
SPI
QPI
75h/B0h
PERRSM
Resume
program/erase
SPI
QPI
7Ah/30h
DP
Deep Power
Down
SPI
QPI
B9h
RDID,
RDPD
Read ID /
Release
Power Down
SPI
QPI
ABh
XXh(3)
XXh(3)
XXh(3)
ID7-ID0
SRPNV
Set Read
Parameters
(Non-Volatile)
SPI
QPI
65h
Data in
SRPV
Set Read
Parameters
(Volatile)
SPI
QPI
C0h/63h
Data in
SERPNV
Set Extended
Read Parameters
(Non-Volatile)
SPI
QPI
85h
Data in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com