Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RLLA2:P-TR Datasheet(PDF) 48 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RLLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RLLA2:P-TR Datasheet(HTML) 48 Page - Integrated Silicon Solution, Inc

Back Button IS25LEG-RLLA2:P-TR Datasheet HTML 44Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 45Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 46Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 47Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 48Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 49Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 50Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 51Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 52Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
48
Rev. A3
10/02/2025
Persistent Protection Mode
The Persistent Protection Mode sets the PPB Lock bit to “1” during power up or Hardware Reset so that the PPB
bits are unprotected by a device Hardware Reset. Software Reset does not affect the PPB Lock bit. The WRPLB
command can clear the PPB Lock bit to “0” to protect the PPB. There is no command to set the PPB Lock bit
therefore the PPB Lock bit will remain at “0” until the next power up or Hardware Reset.
Password Protection Mode
The Password Protection Mode allows an even higher level of security than the Persistent Protection Mode by
requiring a 64-bit password for unlocking the device PPB Lock bit. In addition to this password requirement, after
power up or Hardware Reset, the PPB Lock bit is cleared to “0” to maintain the password mode of operation.
Successful execution of the Unlock Password command by entering the entire password sets the PPB Lock bit to
“1”, allowing for sector/block PPBs modifications.
Notes:
1. The password is all “1”s when shipped from Factory. It is located in its own memory space and is accessible through the use
of the Program Password and Read Password commands.
2. Once the Password is programmed and verified, the Password Protection Mode Lock Bit (ASPR[2]=0) in ASP Register must
be programmed in order to prevent reading or modifying the password. After the Password Protection Mode Lock Bit is
programmed, all further Program and Read commands to the password region are disabled and these commands are
ignored so that there is no means to verify what the password is. Password verification is only allowed before selecting the
Password Protection Mode.
3. The Program Password Command is only capable of programming “0”s. Programming a “1” after a cell is programmed as a
“0” results in the cell left as a “0” with no programming error.
4. All 64-bit password combinations are valid as a password.
5. The Protection Mode Lock Bits in ASP Register are not erasable because they are OTP.
6. The exact password must be entered in order for the unlocking function to occur. If the password provided by Unlock
Password command does not match the hidden internal password, the unlock operation fails in the same manner as a
programming operation on a protected sector/block. The P_ERR and PROT_E are set to 1 and the PPB Lock bit remains
cleared to 0. In this case it is a failure to change the state of the PPB Lock bit because it is still protected by the lack of a
valid password.
7. The Unlock Password command cannot be accepted any faster than once every 100μs ± 20μs. This makes it take an
unreasonably long time (58 million years) for a hacker to run through all the 64-bit combinations in an attempt to correctly
match a password. The Read Status Register command or the Read Extended Read Register may be used to read the WIP
bit to determine when the device has completed the Unlock Password command or is ready to accept a new password
command. When a valid password is provided the Unlock Password command does not insert the 100μs delay before
returning the WIP bit to zero.
8. If the password is lost after selecting the Password Protection Mode, there is no way to set the PPB Lock bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com