Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RLLA2:P-TR Datasheet(PDF) 39 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RLLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RLLA2:P-TR Datasheet(HTML) 39 Page - Integrated Silicon Solution, Inc

Back Button IS25LEG-RLLA2:P-TR Datasheet HTML 35Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 36Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 37Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 38Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 39Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 40Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 41Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 42Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 43Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
39
Rev. A3
10/02/2025
6.6 ECC REGISTER
Related Commands: Read ECC Register (RDECC B3h) (1), Write ECC Register (WRECC B5h), Clear ECC Register
(CLECC, B6h).
Note:
1. 1Gb is an MCP of two 512Mb die, so the ECC register data after RDECC command is from one die
(previously selected die), and additional dummy read from another die (to select another die) + RDECC
command is required to get ECC register data from another die .
Table 6.26 ECC Register Format
Bit 47:16
Bit 15:8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
00000000h
00h
0h
0h
0h
0h
0h
0h
0h
0h
Table 6.27 ECC Register Bit Definition
Bit
Name
Definition
Read-
/Write
Type
0
ECCONOFF
ECC ON/OFF bit:
"0" indicates ECC is ON (default)
"1" indicates ECC is OFF
R/W
Volatile
1
ECCEVENT
ECC Event bit:
"0" indicates NO ECC correction event (default)
"1" indicates YES ECC correction event
R
Volatile
5:2
ECCCOUNTER
Store cumulative ECC correction occurrence.
Max. 15 ECC correction occurrence can be stored, and stays 15
after further occurrence.
“0000” is the default value.
R
Volatile
6
IPA_ECCB
Incremental Programming Attempt within ECC boundary bit:
“0” indicates NO IPA within ECC Boundary (default)
“1” indicates YES IPA with ECC Boundary.
Incremental Programming within ECC boundary is not allowed, and
automatically ignored when ECC is ON.
R
Volatile
15:7
Reserved
Reserved
R
Reserved
47:16
ECCFCA
Store 1st ECC Event occurred chunk address (A26:A4)
R
Volatile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com